Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVP-1457A Datasheet(PDF) 3 Page - Unity Opto Technology

Part # UVP-1457A
Description  1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVP-1457A Datasheet(HTML) 3 Page - Unity Opto Technology

  UVP-1457A Datasheet HTML 1Page - Unity Opto Technology UVP-1457A Datasheet HTML 2Page - Unity Opto Technology UVP-1457A Datasheet HTML 3Page - Unity Opto Technology UVP-1457A Datasheet HTML 4Page - Unity Opto Technology UVP-1457A Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1.2 inch ( 30.42mm )
5X7 DOT MATRIX LED DISPLAY
UVP-1X57A SERIES
PIN CONNECTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Notes : 1.Pin 4 & 11 are internally connected
2.Pin 5 & 12 are internally connected
11/14/2000
CONNECTION
CATHODE ROW 2
ANODE ROW 2
CAHTODE ROW 4*2
ANODE ROW 4*2
ANODE COL. 1
CATHODE COL. 1
ANODE COL. 4
CATHODE COL. 4
ANODE COL. 3*1
CATHODE COL. 3*1
CATHODE ROW 3
ANODE ROW 3
CATHODE ROW 1
ANODE ROW 1
ANODE COL. 5
CATHODE COL. 5
CATHODE ROW 6
ANODE ROW 6
ANODE COL. 3*1
CATHODE COL. 3*1
CATHODE ROW 4*2
ANODE ROW 4*2
CATHODE ROW 7
ANODE ROW 7
ANODE COL. 2
CATHODE COL. 2
UVP-1457A
UVP-1557A
CATHODE ROW 5
ANODE ROW 5
ANODE ROW 2R
CATHODE ROW 1G
ANODE ROW 1G
CATHODE ROW 1R
ANODE ROW 1R
CATHODE ROW 2R
ANODE ROW 3G
CATHODE ROW 3R
ANODE ROW 3R
CATHODE ROW 2G
ANODE ROW 2G
CATHODE ROW 3G
PIN
CATHODE ROW 5R
ANODE ROW 5R
CATHODE ROW 4G
ANODE ROW 4G
CATHODE ROW 6R
ANODE COL.5
UVP-1257AA
CATHODE ROW 7G
CATHODE ROW 7R
ANODE ROW 4R
CATHODE ROW 6G
ANODE ROW 6G
ANODE ROW 6R
NO CONNECTION
NO CONNECTION
CATHODE ROW 5G
ANODE ROW 5G
CATHODE ROW 4R
UVP-1357AA
ANODE ROW 7G
ANODE ROW 7R
CATHODE COL. 1
CATHODE COL. 2
CATHODE COL. 3
CATHODE COL. 4
CATHODE COL. 5
ANODE COL. 1
ANODE COL. 2
ANODE COL. 3
ANODE COL. 4
Unity Opto Technology Co., Ltd.


Similar Part No. - UVP-1457A

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVP-2057 UOT-UVP-2057 Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
UVP-2057A UOT-UVP-2057A Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
UVP-2058 UOT-UVP-2058 Datasheet
97Kb / 5P
   2.3 inch ( 58.42mm ) 5X8 DOT MATRIX LED DISPLAY
UVP-2088 UOT-UVP-2088 Datasheet
121Kb / 5P
   2.3 inch ( 58.42mm ) 8X8 DOT MATRIX LED DISPLAY
UVP-2157A UOT-UVP-2157A Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
More results

Similar Description - UVP-1457A

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57171SG CHINASEMI-CSM-57171SG Datasheet
255Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
CSM-57171VM9 CHINASEMI-CSM-57171VM9 Datasheet
249Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
CSM-57171EG CHINASEMI-CSM-57171EG Datasheet
256Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
logo
Kingbright Corporation
TBC12-11EGWA KINGBRIGHT-TBC12-11EGWA Datasheet
174Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBC12-12EGWA KINGBRIGHT-TBC12-12EGWA Datasheet
172Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TC12-11EWA KINGBRIGHT-TC12-11EWA Datasheet
147Kb / 4P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TA12-11EWA KINGBRIGHT-TA12-11EWA Datasheet
147Kb / 4P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBA12-12EGWA KINGBRIGHT-TBA12-12EGWA Datasheet
172Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBA12-11EGWA KINGBRIGHT-TBA12-11EGWA Datasheet
174Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBA12-22EGWA KINGBRIGHT-TBA12-22EGWA Datasheet
176Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com