Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVC-5623E Datasheet(PDF) 5 Page - Unity Opto Technology

Part # UVC-5623E
Description  0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVC-5623E Datasheet(HTML) 5 Page - Unity Opto Technology

  UVC-5623E Datasheet HTML 1Page - Unity Opto Technology UVC-5623E Datasheet HTML 2Page - Unity Opto Technology UVC-5623E Datasheet HTML 3Page - Unity Opto Technology UVC-5623E Datasheet HTML 4Page - Unity Opto Technology UVC-5623E Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
0.56 inch ( 14.2 mm )
FOUR-DIGIT NUMERIC LED DISPLAYS
UVC-5X23 SERIES
TYPICAL ELECTRICAL/OPTICAL CHARACTERISTIC CURVES
( Ambient Temperature =25
oC Unless Otherwise Noted )
11/14/2000
0
20
40
60
80
100
120
140
160
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
5
10
15
20
25
30
35
40
0
10 20 30 40 50 60 70 80 90
0
1
2
3
4
0
5
10
15
20
25
30
0
1
2
3
4
0
5
10
15
20
25
30
0
0.5
1
500
550
600
650
700
750
800
FIG.1 RELATIVE LUMINOUS INTENSITY VS.
WAVELENGTH
G
Y
HR
P
Forward Current IF (mA)
FIG.2 RELATIVE LUMINOUS INTENSITY VS.
FORWARD CURRENT
P
H R
E G
Y
H
R
E
G
P
Y
Forward Voltage (V)
FIG.4 FORWARD CURRENT VS.
FORWARD VOLTAGE
HR
G
P
Unity Opto Technology Co., Ltd.
Forward Current IF (mA)
FIG.2-1 RELATIVE LUMINOUS INTENSITY
VS. FORWARD CURRENT
Ambient Temperature (
oC )
FIG.3 ALLOWABLE DC CURRENT
VS. AMBIENT TEMPERATURE


Similar Part No. - UVC-5623E

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
UVC-265 ROITHNER-UVC-265 Datasheet
398Kb / 3P
   UVC-265 is an AlGaN based, narrow bandwidth, 265nm LED available in different configurations
More results

Similar Description - UVC-5623E

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-6XX0 UOT-UVS-6XX0 Datasheet
66Kb / 5P
   0.56 inch ( 14.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
Micro Electronics
MO456A-RD MICRO-ELECTRONICS-MO456A-RD Datasheet
72Kb / 2P
   0.56 FOUR DIGIT NUMERIC DISPLAYS
MG456A MICRO-ELECTRONICS-MG456A Datasheet
76Kb / 2P
   0.56 FOUR DIGIT NUMERIC DISPLAYS
logo
Fairchild Semiconductor
MSQ6110C FAIRCHILD-MSQ6110C Datasheet
285Kb / 7P
   0.56 INCH (14.2 MM) FOUR DIGIT STICK DISPLAY
MSQ6111C FAIRCHILD-MSQ6111C Datasheet
277Kb / 7P
   0.56 INCH (14.2 MM) FOUR DIGIT STICK DISPLAY
logo
Unity Opto Technology
UVD-6XX0 UOT-UVD-6XX0 Datasheet
71Kb / 5P
   0.56 inch ( 14.22 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVS-51X UOT-UVS-51X Datasheet
47Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-5X01A UOT-UVS-5X01A Datasheet
53Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVT-5X1 UOT-UVT-5X1 Datasheet
75Kb / 5P
   0.56 inch ( 14.22 mm ) THREE-DIGIT NUMERIC LED DISPLAYS
logo
Micro Electronics
MS457A MICRO-ELECTRONICS-MS457A Datasheet
83Kb / 2P
   RED 0.56 FOUR DIGIT NUMERIC DISPLAYS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com