Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVP-2688 Datasheet(PDF) 3 Page - Unity Opto Technology

Part # UVP-2688
Description  1.85 inch ( 47.0mm ) 8X8 DOT MATRIX LED DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVP-2688 Datasheet(HTML) 3 Page - Unity Opto Technology

  UVP-2688 Datasheet HTML 1Page - Unity Opto Technology UVP-2688 Datasheet HTML 2Page - Unity Opto Technology UVP-2688 Datasheet HTML 3Page - Unity Opto Technology UVP-2688 Datasheet HTML 4Page - Unity Opto Technology UVP-2688 Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1.85 inch ( 47.0mm )
8X8 DOT MATRIX LED DISPLAY
UVP-2688/2788 SERIES
UVP-2688/2788 SERIES
PIN CONNECTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
11/14/2000
ANODE CO. 1
ANODE COL. 1G
NO PIN
ANODE COL. 1E
ANODE COL. 3G
NO PIN
ANODE COL. 3E
CATHODE ROW 1
CATHODE ROW 1
ANODE COL. 3
UVP-2688
CATHODE ROW 2
ANODE COL. 2
NO PIN
CATHODE ROW 4
ANODE COL. 4
NO PIN
CATHODE ROW 6
ANODE COL. 8G
ANODE COL. 8E
NO PIN
CATHODE ROW 8
ANODE COL. 8
NO PIN
ANODE COL. 4E
CATHODE ROW 6
ANODE COL. 6
ANODE COL. 6G
PIN
CONNECTION
ANODE COL. 6E
CATHODE ROW 8
UVP-2788
CATHODE ROW 2
ANODE COL. 2G
ANODE COL. 2E
CATHODE ROW 4
ANODE COL. 4G
CATHODE ROW 7
ANODE COL. 7G
NO PIN
ANODE COL. 7E
CATHODE ROW 7
ANODE COL. 7
CATHODE ROW 5
CATHODE OW 5
ANODE COL. 5
ANODE COL. 5G
NO PIN
ANODE COL. 5E
CATHODE ROW 3
CATHODE ROW 3
Unity Opto Technology Co., Ltd.


Similar Part No. - UVP-2688

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVP-2057 UOT-UVP-2057 Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
UVP-2057A UOT-UVP-2057A Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
UVP-2058 UOT-UVP-2058 Datasheet
97Kb / 5P
   2.3 inch ( 58.42mm ) 5X8 DOT MATRIX LED DISPLAY
UVP-2088 UOT-UVP-2088 Datasheet
121Kb / 5P
   2.3 inch ( 58.42mm ) 8X8 DOT MATRIX LED DISPLAY
UVP-2157A UOT-UVP-2157A Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
More results

Similar Description - UVP-2688

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
GMA46881C QT-GMA46881C Datasheet
195Kb / 5P
   1.85 INCH (47.0mm) 8X8 DOT MATRIX STICK DISPLAY
logo
China Semiconductor Cor...
CSM-88138A9 CHINASEMI-CSM-88138A9 Datasheet
225Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138M9 CHINASEMI-CSM-88138M9 Datasheet
234Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138V9 CHINASEMI-CSM-88138V9 Datasheet
220Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138G CHINASEMI-CSM-88138G Datasheet
227Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138E CHINASEMI-CSM-88138E Datasheet
227Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138S CHINASEMI-CSM-88138S Datasheet
225Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138T9 CHINASEMI-CSM-88138T9 Datasheet
225Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
logo
Fairchild Semiconductor
GMA46881C FAIRCHILD-GMA46881C Datasheet
243Kb / 6P
   1.85 INCH (47.0mm) 8 X 8 DOT MATRIX STICK DISPLAY
logo
China Semiconductor Cor...
CSM-88108EG CHINASEMI-CSM-88108EG Datasheet
788Kb / 8P
   1.85 Inch Dot-Matrix Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com