Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE-SX4239-P2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SX4239-P2
Description  Photomicrosensor (Transmissive)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX4239-P2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SX4239-P2 Datasheet HTML 1Page - Omron Electronics LLC EE-SX4239-P2 Datasheet HTML 2Page - Omron Electronics LLC EE-SX4239-P2 Datasheet HTML 3Page - Omron Electronics LLC EE-SX4239-P2 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Photomicrosensor (Transmissive)
EE-SX3239-P2/-SX4239-P2
275
I Engineering Data
Note: The values in the parentheses apply to the EE-SX4239-P2.
I Recommended Mounting Holes
• When mounting the Photomicrosensor to a panel with a hole opened by pressing, make sure that the hole has no burrs. The mounting strength
of the Photomicrosensor will decrease if the hole has burrs.
• When mounting the Photomicrosensor to a panel with a hole opened by pressing, be sure to mount the Photomicrosensor on the pressing side
of the panel.
• The mounting strength of the Photomicrosensor will increase if the Photomicrosensor is mounted to a panel with a hole that is only a little larger
than the size of the Photomicrosensor, in which case, however, it will be difficult to mount the Photomicrosensor to the panel. The mounting
strength of the Photomicrosensor will decrease if the Photomicrosensor is mounted to a panel with a hole that is comparatively larger than the
size of the Photomicrosensor, in which case, however, it will be easy to mount the Photomicrosensor to the panel. When mounting the Photomi-
crosensor to a panel, open an appropriate hole for the Photomicrosensor according to the application.
• After mounting the Photomicrosensor to any panel, make sure that the Photomicrosensor does not wobble.
• When mounting the Photomicrosensor to a molding with a hole, make sure that the edges of the hole are sharp enough, otherwise the Photomi-
crosensor may fall out.
Output Allowable Dissipation vs.
Ambient Temperature Characteristics
Sensing Position Characteristics
(Typical)
Distance d (mm)
Center of optical axis
(OFF)
(ON)
Ambient temperature Ta (
°C)
d1 = 0
±0.3 mm
VCC = 5 V
Ta = 25
°C
RL = 47 k


Similar Part No. - EE-SX4239-P2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX4235A-P2 OMRON-EE-SX4235A-P2 Datasheet
547Kb / 4P
   Photomicrosensor (Transmissive)
More results

Similar Description - EE-SX4239-P2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EE-SX1103 ETC-EE-SX1103 Datasheet
224Kb / 2P
   Photomicrosensor (Transmissive)
logo
Omron Electronics LLC
EE-SX1035 OMRON-EE-SX1035 Datasheet
645Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX1096 OMRON-EE-SX1096 Datasheet
660Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX4235A-P2 OMRON-EE-SX4235A-P2 Datasheet
547Kb / 4P
   Photomicrosensor (Transmissive)
EE-SH3 OMRON-EE-SH3_1 Datasheet
263Kb / 4P
   Photomicrosensor (Transmissive)
EE-SJ3 OMRON-EE-SJ3 Datasheet
249Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX1057 OMRON-EE-SX1057 Datasheet
230Kb / 4P
   Photomicrosensor (Transmissive)
EE-SJ3-C OMRON-EE-SJ3-C Datasheet
430Kb / 3P
   Photomicrosensor (Transmissive)
EESX1140 OMRON-EESX1140 Datasheet
81Kb / 2P
   Photomicrosensor (Transmissive)
EE-SX1070 OMRON-EE-SX1070 Datasheet
623Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX1106 OMRON-EE-SX1106 Datasheet
713Kb / 4P
   Photomicrosensor (Transmissive)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com