Electronic Components Datasheet Search |
|
HYMD216726AL6-K Datasheet(PDF) 4 Page - Hynix Semiconductor |
|
HYMD216726AL6-K Datasheet(HTML) 4 Page - Hynix Semiconductor |
4 / 16 page HYMD216726A(L)6-M/K/H/L Rev. 0.2/May. 02 4 ABSOLUTE MAXIMUM RATINGS Note : Operation at above absolute maximum rating can adversely affect device reliability DC OPERATING CONDITIONS (TA=0 to 70 oC, Voltage referenced to VSS= 0V) Note : 1. VDDQ must not exceed the level of VDD. 2. VIL (min) is acceptable -1.5V AC pulse width with < 5ns of duration. 3. The value of VREF is approximately equal to 0.5VDDQ. AC OPERATING CONDITIONS (TA=0 to 70 oC, Voltage referenced to VSS = 0V) Note : 1. VID is the magnitude of the difference between the input level on CK and the input on /CK. 2. The value of V IX is expected to equal 0.5*V DDQ of the transmitting device and must track variations in the DC level of the same. Parameter Symbol Rating Unit Ambient Temperature TA 0 ~ 70 oC Storage Temperature TSTG -55 ~ 125 oC Voltage on Any Pin relative to VSS VIN, VOUT -0.5 ~ 3.6 V Voltage on VDD relative to VSS VDD -0.5 ~ 3.6 V Voltage on VDDQ relative to VSS VDDQ -0.5 ~ 3.6 V Output Short Circuit Current IOS 50 mA Power Dissipation PD 8W Soldering Temperature ⋅ Time TSOLDER 260 / 10 oC / Sec Parameter Symbol Min Typ. Max Unit Note Power Supply Voltage VDD 2.3 2.5 2.7 V Power Supply Voltage VDDQ 2.3 2.5 2.7 V 1 Input High Voltage VIH VREF + 0.15 - VDDQ + 0.3 V Input Low Voltage VIL -0.3 - VREF - 0.15 V 2 Termination Voltage VTT VREF - 0.04 VREF VREF + 0.04 V Reference Voltage VREF 1.15 1.25 1.35 V 3 Parameter Symbol Min Max Unit Note Input High (Logic 1) Voltage, DQ, DQS and DM signals VIH(AC) VREF + 0.31 V Input Low (Logic 0) Voltage, DQ, DQS and DM signals VIL(AC) VREF - 0.31 V Input Differential Voltage, CK and /CK inputs VID(AC) 0.7 VDDQ + 0.6 V 1 Input Crossing Point Voltage, CK and /CK inputs VIX(AC) 0.5*VDDQ-0.2 0.5*VDDQ+0.2 V 2 |
Similar Part No. - HYMD216726AL6-K |
|
Similar Description - HYMD216726AL6-K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |