Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT351U7AFR8C Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HMT351U7AFR8C
Description  240pin DDR3 SDRAM Unbuffered DIMMs
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT351U7AFR8C Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HMT351U7AFR8C Datasheet HTML 6Page - Hynix Semiconductor HMT351U7AFR8C Datasheet HTML 7Page - Hynix Semiconductor HMT351U7AFR8C Datasheet HTML 8Page - Hynix Semiconductor HMT351U7AFR8C Datasheet HTML 9Page - Hynix Semiconductor HMT351U7AFR8C Datasheet HTML 10Page - Hynix Semiconductor HMT351U7AFR8C Datasheet HTML 11Page - Hynix Semiconductor HMT351U7AFR8C Datasheet HTML 12Page - Hynix Semiconductor HMT351U7AFR8C Datasheet HTML 13Page - Hynix Semiconductor HMT351U7AFR8C Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Rev. 0.02 / Apr 2009
10
HMT351U6AFR8C
HMT351U7AFR8C
17
VSS
VSS
137
DQ14
DQ14
77
ODT1
ODT1
197
VDD
VDD
18
DQ10
DQ10
138
DQ15
DQ15
78
VDD
VDD
198
NC
NC
19
DQ11
DQ11
139
VSS
VSS
79
NC
NC
199
VSS
VSS
20
VSS
VSS
140
DQ20
DQ20
80
VSS
VSS
200
DQ36
DQ36
21
DQ16
DQ16
141
DQ21
DQ21
81
DQ32
DQ32
201
DQ37
DQ37
22
DQ17
DQ17
142
VSS
VSS
82
DQ33
DQ33
202
VSS
VSS
23
VSS
VSS
143
DM2
DM2
83
VSS
VSS
203
DM4
DM4
24
DQS2DQS2144
NC
NC
84
DQS4DQS4
204
NC
NC
25
DQS2
DQS2
145
VSS
VSS
85
DQS4
DQS4
205
VSS
VSS
26
VSS
VSS
146
DQ22
DQ22
86
VSS
VSS
206
DQ38
DQ38
27
DQ18
DQ18
147
DQ23
DQ23
87
DQ34
DQ34
207
DQ39
DQ39
28
DQ19
DQ19
148
VSS
VSS
88
DQ35
DQ35
208
VSS
VSS
29
VSS
VSS
149
DQ28
DQ28
89
VSS
VSS
209
DQ44
DQ44
30
DQ24
DQ24
150
DQ29
DQ29
90
DQ40
DQ40
210
DQ45
DQ45
31
DQ25
DQ25
151
VSS
VSS
91
DQ41
DQ41
211
VSS
VSS
32
VSS
VSS
152
DM3
DM3
92
VSS
VSS
212
DM5
DM5
33
DQS3DQS3
153
NC
NC
93
DQS5DQS5
213
NC
NC
34
DQS3
DQS3
154
VSS
VSS
94
DQS5
DQS5
214
VSS
VSS
35
VSS
VSS
155
DQ30
DQ30
95
VSS
VSS
215
DQ46
DQ46
36
DQ26
DQ26
156
DQ31
DQ31
96
DQ42
DQ42
216
DQ47
DQ47
37
DQ27
DQ27
157
VSS
VSS
97
DQ43
DQ43
217
VSS
VSS
38
VSS
VSS
158
NC
CB4
98
VSS
VSS
218
DQ52
DQ52
39
NC
CB0
159
NC
CB5
99
DQ48
DQ48
219
DQ53
DQ53
40
NC
CB1
160
VSS
VSS
100
DQ49
DQ49
220
VSS
VSS
41
VSS
VSS
161
DM8
DM8
101
VSS
VSS
221
DM6
DM6
42
NC
DQS8
162
NC
NC
102
DQS6DQS6
222
NC
NC
43
NC
DQS8
163
VSS
VSS
103
DQS6
DQS6
223
VSS
VSS
44
VSS
VSS
164
NC
CB6
104
VSS
VSS
224
DQ54
DQ54
45
NC
CB2
165
NC
CB7
105
DQ50
DQ50
225
DQ55
DQ55
46
NC
CB3
166
VSS
VSS
106
DQ51
DQ51
226
VSS
VSS
47
VSS
VSS
167
NC
NC
107
VSS
VSS
227
DQ60
DQ60
Front Side(left 1–60) Back Side(right 121–180) Front Side(left 61–120) Back Side(right 181–240)
Pin
#
x64
Non-ECC
x72
ECC
Pin
#
x64
Non-ECC
x72
ECC
Pin
#
x64
Non-ECC
x72
ECC
Pin
#
x64
Non-ECC
x72
ECC
NC = No Connect; RFU = Reserved Future Use
1. NC pins should not be connected to anything on the DIMM, including bussing within the NC group.
2. Address pins A3–A8 and BA0 and BA1 can be mirrored or not mirrored. Please refer to Section 4.1 for more
information on mirrored addresses.


Similar Part No. - HMT351U7AFR8C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT351U7AFR8A-G7 HYNIX-HMT351U7AFR8A-G7 Datasheet
544Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT351U7AFR8A-H9 HYNIX-HMT351U7AFR8A-H9 Datasheet
544Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
More results

Similar Description - HMT351U7AFR8C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT164U6AFP6C-S6 HYNIX-HMT164U6AFP6C-S6 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6MFR8C-S6 HYNIX-HMT351U6MFR8C-S6 Datasheet
1Mb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMT451U6MFR8C HYNIX-HMT451U6MFR8C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT325U6CFR8C HYNIX-HMT325U6CFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325U6EFR8C HYNIX-HMT325U6EFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb E-Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com