Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3V-16G1MK-2C24A-W2KH Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D3V-16G1MK-2C24A-W2KH
Description  Miniature Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3V-16G1MK-2C24A-W2KH Datasheet(HTML) 1 Page - Omron Electronics LLC

  D3V-16G1MK-2C24A-W2KH Datasheet HTML 1Page - Omron Electronics LLC D3V-16G1MK-2C24A-W2KH Datasheet HTML 2Page - Omron Electronics LLC D3V-16G1MK-2C24A-W2KH Datasheet HTML 3Page - Omron Electronics LLC D3V-16G1MK-2C24A-W2KH Datasheet HTML 4Page - Omron Electronics LLC D3V-16G1MK-2C24A-W2KH Datasheet HTML 5Page - Omron Electronics LLC D3V-16G1MK-2C24A-W2KH Datasheet HTML 6Page - Omron Electronics LLC D3V-16G1MK-2C24A-W2KH Datasheet HTML 7Page - Omron Electronics LLC D3V-16G1MK-2C24A-W2KH Datasheet HTML 8Page - Omron Electronics LLC D3V-16G1MK-2C24A-W2KH Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Miniature Basic Switch
D3V
73
Miniature Basic Switch
D3V
Reliable Basic Switch with External Lever
• Available by 0.1 A, 6 A, 11 A, 16 A and 21 A models, all with
self-cleaning contacts. 0.1 A utilizes gold alloy crossbar
contacts for high reliability at low loads.
• Available with internally or externally fitted levers, and 2 fix-
ing positions for external levers.
• Conforms to EN61058-1 UL1054.
• High Temperature models rated up to 200
°C (D3V-6, D3V-01)
and 155
°C (D3V-11) are available.
• RoHS Compliant.
Ordering Information
■ Model Number Legend
D3V -
-
-
-
-
1.
Ratings
21:
20 (4) A at 250 VAC
16:
16 (3) A at 250 VAC
2.
Contact Gap
None: 1 mm (F gap)
G:
0.5 mm (G gap)
11:
11 (3) A at 250 VAC
6:
6 (2) A at 250 VAC
01:
0.1 A at 125 VAC
4:
100 gf
3:
50 gf
2:
25 gf
7.
Maximum Operating Force
5:
200 gf
4A:
125 gf
5:
200 gf
8.
Enclosure Material
None: Standard
T:
High Temperature
200°C for D3V-6, D3V-01
155°C for D3V-11
W2:
EN60695-2-11/-12 Approved
(Glow wire flammability test method
with PTI = 250)
5.
Contact Form
1:
SPDT
2:
SPST-NC
9.
Mounting Hole Size
None: 3.1 mm
K:
2.9 mm
3:
SPST-NO
4.
Hinge Position
None: Internal / Far from Plunger
M:
External / Far from Plunger
K:
External / Near Plunger
10.
Special Code
None: Standard
H:
High Temperature (125°C)
E:
Special Rating: 21 (8) A
(D3V-21, only)
Note: These OF values are for
the pin plunger models.
3.
Actuator
None: Pin plunger
1:
Short hinge lever
2:
Hinge lever
3:
Long hinge lever
4:
Simulated roller lever
5:
Short hinge roller lever
6:
Hinge roller lever
6.
Terminals
A:
Solder terminals
C2:
Quick-connect terminal (#187)
C:
Quick-connect terminal (#250)
C6:
RAST5 terminal (#250)
3 4
5
2
1
7
8
9
10
6


Similar Part No. - D3V-16G1MK-2C24A-W2KH

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3V-16 OMRON-D3V-16 Datasheet
1Mb / 16P
   Reliable Basic Switch with External Lever
D3V-16-3C25 OMRON-D3V-16-3C25 Datasheet
1Mb / 16P
   Reliable Basic Switch with External Lever
More results

Similar Description - D3V-16G1MK-2C24A-W2KH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com