Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC701LP6C Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC701LP6C
Description  8 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC701LP6C Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC701LP6C Datasheet HTML 1Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 2Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 3Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 4Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 5Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 6Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 7Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 8Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 2
HMC701LP6CE
8 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
v05.0110
Features
Functional Diagram
(Figure 1.)
• fractional or integer Modes
• 8 Ghz, 16-Bit rf n-counter
• 24-Bit step size resolution, 3 hz typ
• Ultra Low Phase noise 6 Ghz, 50 Mhz ref.
-103 / -110 dBc/hz @ 20 khz (frac / integer)
• reference Path input: 200 Mhz
• 14-Bit reference Path Divider
• Low fractional spurious
• reference spurs: -90 dBc typ
• auto and triggered sweeper functions
• cycle slip Prevention (csP) for fast settling
• autotune support for external step tuned Vcos
• Multi-Vco support
• auxiliary clock source
• 40 Lead 6x6mm sMt Package: 36mm²
Typical Applications
• Base stations for Mobile radio
(GsM, Pcs, Dcs, cDMa, WcDMa)
• Wireless Lans, WiMax
• communications test equipment
• catV equipment
• fMcW sensors
• automotive radar
• Phased-array systems


Similar Part No. - HMC701LP6C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC701LP6CE HITTITE-HMC701LP6CE Datasheet
1Mb / 46P
   8 GHz 16-Bit Fractional-N Synthesizer
logo
Analog Devices
HMC701LP6CE AD-HMC701LP6CE Datasheet
1Mb / 40P
   Fractional or Integer Modes
More results

Similar Description - HMC701LP6C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC701LP6CE HITTITE-HMC701LP6CE Datasheet
1Mb / 46P
   8 GHz 16-Bit Fractional-N Synthesizer
HMC702LP6CE HITTITE-HMC702LP6CE Datasheet
1Mb / 46P
   14 GHz 16-Bit Fractional-N Synthesizer
HMC702LP6CE HITTITE-HMC702LP6CE_10 Datasheet
1Mb / 46P
   14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
HMC700LP4 HITTITE-HMC700LP4 Datasheet
882Kb / 26P
   8 GHz 16-Bit Fractional-N PLL
logo
Analog Devices
HMC700LP4 AD-HMC700LP4 Datasheet
980Kb / 26P
   8 GHz 16-Bit Fractional-N PLL
logo
Hittite Microwave Corpo...
HMC703LP4E HITTITE-HMC703LP4E Datasheet
3Mb / 52P
   8 GHZ FRACTIONAL SYNTHESIZER
logo
Analog Devices
HMC703LP4E AD-HMC703LP4E Datasheet
2Mb / 58P
   8 GHz fractional synthesizer
logo
Hittite Microwave Corpo...
HMC702LP6CE HITTITE-HMC702LP6CE_11 Datasheet
1Mb / 36P
   14 GHz 16-BIT FRACTIONAL-N PLL
logo
Analog Devices
HMC702LP6CE AD-HMC702LP6CE Datasheet
1Mb / 38P
   14 GHz 16-BIT FRACTIONAL-N PLL
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com