Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSG-5L2P-5 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # SSG-5L2P-5
Description  Subminiature Basic Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SSG-5L2P-5 Datasheet(HTML) 1 Page - Omron Electronics LLC

  SSG-5L2P-5 Datasheet HTML 1Page - Omron Electronics LLC SSG-5L2P-5 Datasheet HTML 2Page - Omron Electronics LLC SSG-5L2P-5 Datasheet HTML 3Page - Omron Electronics LLC SSG-5L2P-5 Datasheet HTML 4Page - Omron Electronics LLC SSG-5L2P-5 Datasheet HTML 5Page - Omron Electronics LLC SSG-5L2P-5 Datasheet HTML 6Page - Omron Electronics LLC SSG-5L2P-5 Datasheet HTML 7Page - Omron Electronics LLC SSG-5L2P-5 Datasheet HTML 8Page - Omron Electronics LLC SSG-5L2P-5 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Subminiature Basic Switch
SSG
109
Subminiature Basic Switch
SSG
Global Subminiature Basic Switch
Conforming to EN, UL, and CSA Standards
• A wide operating temperature range of -25
°C to 125°C is
available for at high-temperature use.
• PCB terminal models are resistant to flux.
• Even-pitched PCB terminals.
• RoHS Compliant.
Ordering Information
Note: SPST models are also available, but not listed in the above table.
Model Number Legend
Actuator
Rating
OF max.
Solder
Quick-connect
terminal (#110)
PCB
Pin plunger
5 A
153 gf
SSG-5H
SSG-5T
SSG-5P
51 gf
SSG-5H-5
SSG-5T-5
SSG-5P-5
0.1 A
153 gf
SSG-01H
SSG-01T
SSG-01P
51 gf
SSG-01H-5
SSG-01T-5
SSG-01P-5
Hinge lever
5 A
61 gf
SSG-5L1H
SSG-5L1T
SSG-5L1P
20 gf
SSG-5L1H-5
SSG-5L1T-5
SSG-5L1P-5
0.1 A
61 gf
SSG-01L1H
SSG-01L1T
SSG-01L1P
20 gf
SSG-01L1H-5
SSG-01L1T-5
SSG-01L1P-5
Simulated roller lever
5 A
61 gf
SSG-5L3H
SSG-5L3T
SSG-5L3P
20 gf
SSG-5L3H-5
SSG-5L3T-5
SSG-5L3P-5
0.1 A
61 gf
SSG-01L3H
SSG-01L3T
SSG-01L3P
20 gf
SSG-01L3H-5
SSG-01L3T-5
SSG-01L3P-5
Hinge roller lever
5 A
61 gf
SSG-5L2H
SSG-5L2T
SSG-5L2P
20 gf
SSG-5L2H-5
SSG-5L2T-5
SSG-5L2P-5
0.1 A
61 gf
SSG-01L2H
SSG-01L2T
SSG-01L2P
20 gf
SSG-01L2H-5
SSG-01L2T-5
SSG-01L2P-5
SSG-
1.
Ratings
5:
5 A at 125 VAC
01:
0.1 A at 125 VAC
5.
Maximum Operating Force (see note)
None: 153 gf
-5:
51 gf
3.
Contact Form
None: SPDT
-2:
SPST-NC
-3:
SPST-NO
Note: These OF values are for the pin plunger models.
2.
Actuator
None: Pin plunger
L1:
Hinge lever
L3:
Simulated roller lever
L2:
Hinge roller lever
4.
Terminals
H:
Solder terminals
T:
Quick-connect terminals (#110)
P:
PCB terminals
3 4 5
2
1
Consult Omron regarding the following:
- SPST-NC and SPST-NO versions
(Solder and QC terminals, only)


Similar Part No. - SSG-5L2P-5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SSG-15G-RC MINI-SSG-15G-RC Datasheet
731Kb / 9P
   Synthesized Signal Generator
logo
List of Unclassifed Man...
SSG-2027B-CIB020H ETC2-SSG-2027B-CIB020H Datasheet
1Mb / 2P
   2 Intel Xeon E5-2403 v2 1.8GHz
logo
Mini-Circuits
SSG-30G-RC MINI-SSG-30G-RC Datasheet
1Mb / 13P
   Wideband Signal Generator
Rev. OR
logo
Mercury United Electron...
SSG-32.768K-12.5P MERCURY-SSG-32.768K-12.5P Datasheet
134Kb / 1P
   32.768 KHz Surface Mount Crystal
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
More results

Similar Description - SSG-5L2P-5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
   Ultra Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
   Sealed Ultra Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
   Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com