Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC662LP3 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC662LP3
Description  54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC662LP3 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC662LP3_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC662LP3_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC662LP3_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC662LP3_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC662LP3_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC662LP3_09 Datasheet HTML 6Page - Hittite Microwave Corporation HMC662LP3_09 Datasheet HTML 7Page - Hittite Microwave Corporation HMC662LP3_09 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 102
HMC662LP3E
v00.0309
54 dB, LOGARITHMIC
DETECTOR, 8 - 30 GHz
Pin Number
Function
Description
Interface Schematic
14 - 16
Vcc1
Bias Supply. Connect supply voltage to
these pins with appropriate filtering.
Pin Descriptions (Continued)
Application & Evaluation PCB Schematic
Note: C1 and C2 should be placed as close to the package as possible.


Similar Part No. - HMC662LP3_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC662LP3E HITTITE-HMC662LP3E Datasheet
777Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
HMC662LP3E HITTITE-HMC662LP3E Datasheet
317Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
logo
Analog Devices
HMC662LP3E AD-HMC662LP3E Datasheet
473Kb / 8P
   LOGARITHMIC DETECTOR
logo
Hittite Microwave Corpo...
HMC662LP3E HITTITE-HMC662LP3E_10 Datasheet
777Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
More results

Similar Description - HMC662LP3_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC662LP3E HITTITE-HMC662LP3E Datasheet
317Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
HMC662LP3E HITTITE-HMC662LP3E_10 Datasheet
777Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
HMC948LP3E HITTITE-HMC948LP3E Datasheet
864Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 1 - 23 GHz
HMC713MS8 HITTITE-HMC713MS8 Datasheet
542Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713LP3E HITTITE-HMC713LP3E_10 Datasheet
956Kb / 12P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC713LP3E HITTITE-HMC713LP3E Datasheet
566Kb / 12P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC713MS8 HITTITE-HMC713MS8_09 Datasheet
541Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713LP3 HITTITE-HMC713LP3_09 Datasheet
566Kb / 12P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC713MS8 HITTITE-HMC713MS8_10 Datasheet
838Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
   1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com