Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD132725BL8-H Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HYMD132725BL8-H
Description  Unbuffered DDR SDRAM DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD132725BL8-H Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HYMD132725BL8-H Datasheet HTML 6Page - Hynix Semiconductor HYMD132725BL8-H Datasheet HTML 7Page - Hynix Semiconductor HYMD132725BL8-H Datasheet HTML 8Page - Hynix Semiconductor HYMD132725BL8-H Datasheet HTML 9Page - Hynix Semiconductor HYMD132725BL8-H Datasheet HTML 10Page - Hynix Semiconductor HYMD132725BL8-H Datasheet HTML 11Page - Hynix Semiconductor HYMD132725BL8-H Datasheet HTML 12Page - Hynix Semiconductor HYMD132725BL8-H Datasheet HTML 13Page - Hynix Semiconductor HYMD132725BL8-H Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Rev. 0.3/May. 02
10
HYMD132725B(L)8-M/K/H/L
- continued -
Parameter
Symbol
DDR266(2-2-2)
DDR266A
DDR266B
DDR200
Unit
Note
Min
Max
Min
Max
Min
Max
Min
Max
Input Setup Time (fast slew rate)
tIS
0.9
-
0.9
-
0.9
-
1.1
-
ns
2,3,5,6
Input Hold Time (fast slew rate)
tIH
0.9
-
0.9
-
0.9
-
1.1
-
ns
2,3,5,6
Input Setup Time
(slow slew rate)
tIS
1.0
-
1.0
-
1.0
-
1.1
-
ns
2,4,5,6
Input Hold Time (slow slew rate)
tIH
1.0
-
1.0
-
1.0
-
1.1
-
ns
2,4,5,6
Input Pulse Width
tIPW
2.2
2.2
2.2
2.5
-
ns
6
Write DQS High Level Width
tDQSH
0.35
-
0.35
-
0.35
-
0.35
-
CK
Write DQS Low Level Width
tDQSL
0.35
-
0.35
-
0.35
-
0.35
-
CK
Clock to First Rising edge of
DQS-In
tDQSS
0.72
1.28
0.75
1.25
0.75
1.25
0.75
1.25
CK
Data-In Setup Time to DQS-In
(DQ & DM)
tDS
0.5
-
0.5
-
0.5
-
0.6
-
ns
6,7,
11~13
Data-in Hold Time to DQS-In
(DQ & DM)
tDH
0.5
-
0.5
-
0.5
-
0.6
-
ns
DQ & DM Input Pulse Width
tDIPW
1.75
-
1.75
-
1.75
-
2
-
ns
Read DQS Preamble Time
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
0.9
1.1
CK
Read DQS Postamble Time
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
CK
Write DQS Preamble Setup Time
tWPRES
0-
0
-
0
-
0
-
CK
Write DQS Preamble Hold Time
tWPREH
0.25
-
0.25
-
0.25
-
0.25
-
CK
Write DQS Postamble Time
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
CK
Mode Register Set Delay
tMRD
2-
2
-
2
-
2
-
CK
Exit Self Refresh to Any Execute
Command
tXSC
200
-
200
-
200
-
200
-
CK
8
Average Periodic Refresh Interval
tREFI
-
15.6
-
15.6
-
15.6
-
15.6
us


Similar Part No. - HYMD132725BL8-H

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD132725BL8J-J HYNIX-HYMD132725BL8J-J Datasheet
243Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results

Similar Description - HYMD132725BL8-H

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726C8-M HYNIX-HYMD232726C8-M Datasheet
158Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Micron Technology
MT8VDDT3264AG MICRON-MT8VDDT3264AG Datasheet
677Kb / 30P
   DDR SDRAM UNBUFFERED DIMM
MT16VDDT6464AG MICRON-MT16VDDT6464AG Datasheet
875Kb / 35P
   DDR SDRAM UNBUFFERED DIMM
MT9VDDT6472AG MICRON-MT9VDDT6472AG Datasheet
568Kb / 27P
   DDR SDRAM UNBUFFERED DIMM
MT9VDDT3272AY MICRON-MT9VDDT3272AY Datasheet
568Kb / 27P
   DDR SDRAM UNBUFFERED DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com