Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKS3PN-V Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # MKS3PN-V
Description  General Purpose Relays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MKS3PN-V Datasheet(HTML) 1 Page - Omron Electronics LLC

  MKS3PN-V Datasheet HTML 1Page - Omron Electronics LLC MKS3PN-V Datasheet HTML 2Page - Omron Electronics LLC MKS3PN-V Datasheet HTML 3Page - Omron Electronics LLC MKS3PN-V Datasheet HTML 4Page - Omron Electronics LLC MKS3PN-V Datasheet HTML 5Page - Omron Electronics LLC MKS3PN-V Datasheet HTML 6Page - Omron Electronics LLC MKS3PN-V Datasheet HTML 7Page - Omron Electronics LLC MKS3PN-V Datasheet HTML 8Page - Omron Electronics LLC MKS3PN-V Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Purpose Relays
MKS
277
General Purpose Relays
MKS
Exceptionally Reliable General Purpose
Relay now available with Lockable Test
Button
• IEC Rating of 7A 250 V AC 50/60 Hz,
General use 100,000 cycles.
• Mechanical indicator standard for all models.
• Optional features include lockable test button, LED
indicator, diode surge suppression, varistor, reverse
polarity, and alternate wiring styles.
•UL (RU/
CRU), CE and TUV approved.
• RoHS Compliant.
Features
Two-way Action Test Button
Model Number Structure
■ Model Number Legend
1. Contact Form
2:
DPDT
3:
3PDT
2. Terminals
P:
Plug-in
3. Mechanical Indicator/Test Button
Blank:Mechanical indicator
I:
Mechanical indicator and lockable test button
4. LED Indicator
Blank: Standard
N:
LED indicator
5. Coil Polarity
Blank: Standard
1:
Reverse polarity (DC coil only)
6. Surge Absorption
Blank:Standard
D:
Surge absorber diode (DC coil only)
V:
Surge absorber varistor (AC coil only)
7. Internal Connections DPDT
Blank: Standard
2 :
Non Standard
Internal Connections 3PDT
5 :
Standard
Blank: Non Standard
2 :
Non Standard
8. Rated Voltage
(Refer to “Coil Ratings”.)
Yellow
button
Relay in
Normal Operation
For Momentary
Operation
For Lock
Operation
Pull down the test
button to the first
position, then press the
yellow button with an
insulated tool to
operate the contact.
Pull down the test
button to the second
position.
(The contact is now in
the locked position.)
12 3 4 5
6
7
MKS
@@@@@-@-@


Similar Part No. - MKS3PN-V

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MKS3PN-V OMRON-MKS3PN-V Datasheet
1Mb / 9P
   General-purpose Relays
MKS3PN-V-2 OMRON-MKS3PN-V-2 Datasheet
1Mb / 9P
   General-purpose Relays
MKS3PN-V-5 OMRON-MKS3PN-V-5 Datasheet
1Mb / 9P
   General-purpose Relays
More results

Similar Description - MKS3PN-V

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com