Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD116645BL8-L Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HYMD116645BL8-L
Description  Unbuffered DDR SDRAM DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD116645BL8-L Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HYMD116645BL8-L Datasheet HTML 7Page - Hynix Semiconductor HYMD116645BL8-L Datasheet HTML 8Page - Hynix Semiconductor HYMD116645BL8-L Datasheet HTML 9Page - Hynix Semiconductor HYMD116645BL8-L Datasheet HTML 10Page - Hynix Semiconductor HYMD116645BL8-L Datasheet HTML 11Page - Hynix Semiconductor HYMD116645BL8-L Datasheet HTML 12Page - Hynix Semiconductor HYMD116645BL8-L Datasheet HTML 13Page - Hynix Semiconductor HYMD116645BL8-L Datasheet HTML 14Page - Hynix Semiconductor HYMD116645BL8-L Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Rev. 0.3/May. 02
11
HYMD116645B(L)8-M/K/H/L
Note :
1.
This calculation accounts for tDQSQ(max), the pulse width distortion of on-chip circuit and jitter.
2.
Data sampled at the rising edges of the clock : A0~A11, BA0~BA1, CKE, /CS, /RAS, /CAS, /WE.
3.
For command/address input slew rate >=1.0V/ns
4.
For command/address input slew rate >=0.5V/ns and <1.0V/ns
This derating table is used to increase tIS/tIH in case where the input slew-rate is below 0.5V/ns.
Input Setup / Hold Slew-rate Derating Table.
5.
CK, /CK slew rates are >=1.0V/ns
6.
These parameters guarantee device timing, but they are not necessarily tested on each device, and they may be guaranteed by
design or tester correlation.
7.
Data latched at both rising and falling edges of Data Strobes(LDQS/UDQS) : DQ, LDM/UDM.
8.
Minimum of 200 cycles of stable input clocks after Self Refresh Exit command, where CKE is held high, is required to complete
Self Refresh Exit and lock the internal DLL circuit of DDR SDRAM.
9.
Min (tCL, tCH) refers to the smaller of the actual clock low time and the actual clock high time as provided to the device (i.e. this
value can be greater than the minimum specification limits for tCL and tCH).
10. tHP = minimum half clock period for any given cycle and is defined by clock high or clock low (tCH, tCL). tQHS consists of
tDQSQmax, the pulse width distortion of on-chip clock circuits, data pin to pin skew and output pattern effects and p-channel to
n-channel variation of the output drivers.
11
.This derating table is used to increase tDS/tDH in case where the input slew-rate is below 0.5V/ns.
Input Setup / Hold Slew-rate Derating Table.
12. I/O Setup/Hold Plateau Derating. This derating table is used to increase tDS/tDH in case where the input level is flat below VREF
+/-310mV for a duration of up to 2ns.
13. I/O Setup/Hold Delta Inverse Slew Rate Derating. This derating table is used to increase tDS/tDH in case where the DQ and DQS
slew rates differ. The Delta Inverse Slew Rate is calculated as (1/SlewRate1)-(1/SlewRate2). For example, if slew rate 1 = 0.5V/ns
and Slew Rate2 = 0.4V/n then the Delta Inverse Slew Rate = -0.5ns/V.
14. DQS, DM and DQ input slew rate is specified to prevent double clocking of data and preserve setup and hold times. Signal transi
tions through the DC region must be monotonic.
Input Setup / Hold Slew-rate
Delta tIS
Delta tIH
V/ns
ps
ps
0.5
0
0
0.4
+50
0
0.3
+100
0
Input Setup / Hold Slew-rate
Delta tDS
Delta tDH
V/ns
ps
ps
0.5
0
0
0.4
+75
+75
0.3
+150
+150
I/O Input Level
Delta tDS
Delta tDH
mV
ps
ps
+280
+50
+50
(1/SlewRate1)-(1/SlewRate2)
Delta tDS
Delta tDH
ns/V
ps
ps
00
0
+/-0.25
+50
+50
+/- 0.5
+100
+100


Similar Part No. - HYMD116645BL8-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD116645BL8J-J HYNIX-HYMD116645BL8J-J Datasheet
233Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results

Similar Description - HYMD116645BL8-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726C8-M HYNIX-HYMD232726C8-M Datasheet
158Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Micron Technology
MT8VDDT3264AG MICRON-MT8VDDT3264AG Datasheet
677Kb / 30P
   DDR SDRAM UNBUFFERED DIMM
MT16VDDT6464AG MICRON-MT16VDDT6464AG Datasheet
875Kb / 35P
   DDR SDRAM UNBUFFERED DIMM
MT9VDDT6472AG MICRON-MT9VDDT6472AG Datasheet
568Kb / 27P
   DDR SDRAM UNBUFFERED DIMM
MT9VDDT3272AY MICRON-MT9VDDT3272AY Datasheet
568Kb / 27P
   DDR SDRAM UNBUFFERED DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com