Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSG-01L3H Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # SSG-01L3H
Description  Subminiature Basic Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SSG-01L3H Datasheet(HTML) 5 Page - Omron Electronics LLC

  SSG-01L3H Datasheet HTML 1Page - Omron Electronics LLC SSG-01L3H Datasheet HTML 2Page - Omron Electronics LLC SSG-01L3H Datasheet HTML 3Page - Omron Electronics LLC SSG-01L3H Datasheet HTML 4Page - Omron Electronics LLC SSG-01L3H Datasheet HTML 5Page - Omron Electronics LLC SSG-01L3H Datasheet HTML 6Page - Omron Electronics LLC SSG-01L3H Datasheet HTML 7Page - Omron Electronics LLC SSG-01L3H Datasheet HTML 8Page - Omron Electronics LLC SSG-01L3H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Subminiature Basic Switch
SSG
113
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.25 mm applies to all dimensions
2. Every actual model number includes the code instead of
@ for the kind of terminals incorporated by the model.
3. The operating characteristics are for operation in the A direction(
)
PCB Terminal
Hinge Lever Models
SSG-01L1
SSG-5L1
SSG-01L1 -5
SSG-5L1 -5
8.9
5.3
±0.4
6.9 7.7
t0.3 Stainless-steel lever
2.2
+0.1
0
6.1
2.2
5.1
2.5 dia.
7.2
0.5
9.5
±0.1
2.2
+0.1
0
dia. hole
3.2
6.4+0.2
Three, 1.6-dia. holes
CNO
NC
19.8
1.6
OP
FP
A
3.6
Note: Also available are models with a hinge lever
length of 39 mm under the following model
numbers: SSG-01L14
@,SSG-5L14@,
SSG01L14
@-5, and SSG-5L14@-5. Contact
your OMRON representative for these models.
Model
SSG-01L1
@
SSG-5L1
@
SSG-01
L1@-5
SSG-5
L1@-5
OF max.
61 gf
20 gf
RF min.
6 gf
2 gf
PT max.
- - -
OT min.
1.0 mm
MD max.
0.8 mm
FP max.
13.6 mm
OP
8.8+1.0/
-0.6 mm
Simulated Roller Lever Models
SSG-01L3
SSG-5L3
SSG-01L3 -5
SSG-51L3 -5
6.9
3.2
6.4
±0.2
Three, 1.6-dia. holes
7.7
6.1
2.2
19.8
5.1
2.5 dia.
t0.3 Stainless-steel lever
0.5
9.5
±0.1
2.2
+0.1
0
dia. hole
1.3R
6.3
±0.4
CNO
NC
8.9
7.2
2.2
+0.1
0
1.6
OP
FP
A
3.6
Model
SSG-01L3
@
SSG-5L3
@
SSG-01L3
@-5
SSG-5L3
@-5
OF max.
61 gf
20 gf
RF min.
6 gf
2 gf
PT max.
- - -
OT min.
1.0 mm
MD max.
0.8 mm
FP max.
15.5 mm
OP
10.7+1.0/
-0.6 mm
Hinge Roller Lever Models
SSG-01L2
SSG-5L2
SSG-01L2
-5
SSG-5L2
-5
5
±0.4
6.9 7.7
6.1
2.2
3.2
6.4
±0.2
19.8
5.1
2.5 dia.
t0.3 Stainless-steel lever
0.5
4.8 dia.
× 3.2
Acetal resin roller
9.5
±0.1
2.2
+0.1
–0
Three, 1.6-dia. holes
CNO
NC
8.9
7.2
1.6
2.2
+0.1
0
dia. hole
OP
FP
A
Model
SSG-01L2
@
SSG-5L2
@
SSG-01
L2@-5
SSG-5
L2@-5
OF max.
61 gf
20 gf
RF min.
6 gf
2 gf
PT max.
- - -
OT min.
1.0 mm
MD max.
0.8 mm
FP max.
19.0 mm
OP
14.5+1.0/
-0.6 mm
Pin Plunger
SSG-01P
SSG-5P
SSG-01P-5
SSG-5P-5
C
1.3
±0.3
0.5
±0.05
6.4
±0.2
2.87
±0.1
4.8
±0.3
3.4
±0.1
2.5 dia.
5.15
7.62
±0.2
1.8
7.62
±0.2
3.5
4
±0.3
1.8
Three, 1.2
±0.1
Three, 0.8
7.7
NC
NO
2.2
+0.1
–0
19.8
6.9
2.2
+0.1
0
dia. hole
9.5
±0.1
PT
OP
A
Model
SSG-01P
SSG-5P
SSG-01P-5
SSG-5P-5
OF max.
153 gf
51 gf
RF min.
25 gf
4 gf
PT max.
0.6 mm
OT min.
0.4 mm
MD max.
0.1 mm
FP max.
- - -
OP
11.8
±0.4 mm


Similar Part No. - SSG-01L3H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SSG-15G-RC MINI-SSG-15G-RC Datasheet
731Kb / 9P
   Synthesized Signal Generator
logo
List of Unclassifed Man...
SSG-2027B-CIB020H ETC2-SSG-2027B-CIB020H Datasheet
1Mb / 2P
   2 Intel Xeon E5-2403 v2 1.8GHz
logo
Mini-Circuits
SSG-30G-RC MINI-SSG-30G-RC Datasheet
1Mb / 13P
   Wideband Signal Generator
Rev. OR
logo
Mercury United Electron...
SSG-32.768K-12.5P MERCURY-SSG-32.768K-12.5P Datasheet
134Kb / 1P
   32.768 KHz Surface Mount Crystal
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
More results

Similar Description - SSG-01L3H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
   Ultra Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
   Sealed Ultra Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
   Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com