Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD116645D8J-D4 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HYMD116645D8J-D4
Description  Unbuffered DDR SDRAM DIMM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD116645D8J-D4 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HYMD116645D8J-D4 Datasheet HTML 2Page - Hynix Semiconductor HYMD116645D8J-D4 Datasheet HTML 3Page - Hynix Semiconductor HYMD116645D8J-D4 Datasheet HTML 4Page - Hynix Semiconductor HYMD116645D8J-D4 Datasheet HTML 5Page - Hynix Semiconductor HYMD116645D8J-D4 Datasheet HTML 6Page - Hynix Semiconductor HYMD116645D8J-D4 Datasheet HTML 7Page - Hynix Semiconductor HYMD116645D8J-D4 Datasheet HTML 8Page - Hynix Semiconductor HYMD116645D8J-D4 Datasheet HTML 9Page - Hynix Semiconductor HYMD116645D8J-D4 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
HYMD116645D(L)8J
Rev. 0.0 / Apr. 2003
6
CAPACITANCE (TA=25oC, f=100MHz )
Note :
1. VDD = min. to max., VDDQ = 2.5V to 2.7V, VODC = VDDQ/2, VOpeak-to-peak = 0.2V
2. Pins not under test are tied to GND.
3. These values are guaranteed by design and are tested on a sample basis only.
OUTPUT LOAD CIRCUIT
Parameter
Pin
Symbol
Min
Max
Unit
Input Capacitance
A0 ~ A11, BA0, BA1
CIN1
58
72
pF
Input Capacitance
/RAS, /CAS, /WE
CIN2
58
72
pF
Input Capacitance
CKE0
CIN3
58
72
pF
Input Capacitance
CS0
CIN4
58
72
pF
Input Capacitance
CK0, /CK0, CK1, /CK1, CK2,/CK2
CIN5
25
40
pF
Input Capacitance
DM0 ~ DM7
CIN6
812
pF
Data Input / Output Capacitance
DQ0 ~ DQ63, DQS0 ~ DQS7
CIO1
7.89
12
pF
VREF
VTT
RT=50Ω
Zo=50Ω
CL=30pF
Output


Similar Part No. - HYMD116645D8J-D4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD116645B8-H HYNIX-HYMD116645B8-H Datasheet
251Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD116645B8-K HYNIX-HYMD116645B8-K Datasheet
251Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD116645B8-L HYNIX-HYMD116645B8-L Datasheet
251Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD116645B8-M HYNIX-HYMD116645B8-M Datasheet
251Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD116645B8J-J HYNIX-HYMD116645B8J-J Datasheet
233Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results

Similar Description - HYMD116645D8J-D4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726C8-M HYNIX-HYMD232726C8-M Datasheet
158Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Micron Technology
MT8VDDT3264AG MICRON-MT8VDDT3264AG Datasheet
677Kb / 30P
   DDR SDRAM UNBUFFERED DIMM
MT16VDDT6464AG MICRON-MT16VDDT6464AG Datasheet
875Kb / 35P
   DDR SDRAM UNBUFFERED DIMM
MT9VDDT6472AG MICRON-MT9VDDT6472AG Datasheet
568Kb / 27P
   DDR SDRAM UNBUFFERED DIMM
MT9VDDT3272AY MICRON-MT9VDDT3272AY Datasheet
568Kb / 27P
   DDR SDRAM UNBUFFERED DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com