Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY1F Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # LY1F
Description  General Purpose Relay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

LY1F Datasheet(HTML) 3 Page - Omron Electronics LLC

  LY1F Datasheet HTML 1Page - Omron Electronics LLC LY1F Datasheet HTML 2Page - Omron Electronics LLC LY1F Datasheet HTML 3Page - Omron Electronics LLC LY1F Datasheet HTML 4Page - Omron Electronics LLC LY1F Datasheet HTML 5Page - Omron Electronics LLC LY1F Datasheet HTML 6Page - Omron Electronics LLC LY1F Datasheet HTML 7Page - Omron Electronics LLC LY1F Datasheet HTML 8Page - Omron Electronics LLC LY1F Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
General Purpose Relay
LY
287
Specifications
■ Contact Data
■ Coil Data
1- and 2-pole Types – AC
1- and 2-pole Types – DC
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23°C (73°F) with tolerances of +15%, -20% for AC rated
current, and ±15% for DC rated coil resistance.
2. The AC coil resistance and inductance are reference values at 60 Hz.
3. The performance characteristics are measured at a coil temperature of 23
°C (73°F).
4. Class B coil insulation is available.
Load
Single contact
Bifurcated contact
SPDT
DPDT, 3PDT, 4PDT
DPDT
Resistive load
(p.f. = 1)
Inductive load
(p.f. = 0.4)
(L/R = 7 ms)
Resistive load
(p.f. = 1)
Inductive load
(p.f. = 0.4)
(L/R = 7 ms)
Resistive load
(p.f. = 1)
Inductive load
(p.f. = 0.4)
(L/R = 7 ms)
Rated load
15 A at 110 VAC
10 A at 110 VAC
10 A at 110 VAC
7.5 A at 110 VAC
5 A at 110 VAC
4 A at 110 VAC
15 A at 24 VDC
7 A at 24 VDC
10 A at 24 VDC
5 A at 24 VDC
5 A at 24 VDC
4 A at 24 VDC
Contact material
Ag-Alloy
Carry current
15 A
10 A
7 A
Max. operating
voltage
250 VAC
125 VDC
Max. operating
current
15 A
10 A
7 A
Max. switching
capacity
1,700 VA
1,100 VA
1,100 VA
825 VA
550 VA
440 VA
360 W
170 W
240 W
120 W
120 W
100 W
Min. permissible
load
100 mA, 5 VDC
10 mA, 5 VDC
Rated
voltage (V)
Rated current (mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(VA, W)
Armature
OFF
Armature
ON
50 Hz
60 Hz
(% of rated voltage)
6
214.10
183
12.20
0.04
0.08
80% max.
30% min.
110%
Approx.
1.00 to 1.20
(60 Hz)
12
106.50
91
46
0.17
0.33
24
53.80
46
180
0.69
1.30
50
25.70
22
788
3.22
5.66
100/110
11.70/12.90
10/11
3,750
14.54
24.60
Approx.
0.90 to 1.10
(60 Hz)
110/120
9.90/10.80
8.40/9.20
4,430
19.20
32.10
200/220
6.20/6.80
5.30/5.80
12,950
54.75
94.07
220/240
4.80/5.30
4.20/4.60
18,790
83.50
136.40
Rated
voltage (V)
Rated current (mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(VA, W)
Armature
OFF
Armature
ON
(% of rated voltage)
6
150
40
0.16
0.33
80% max.
10% min.
110%
Approx.
0.90
12
75
160
0.73
1.37
24
36.90
650
3.20
5.72
48
18.50
2,600
10.60
21
100/110
9.10/10
11,000
45.60
86.20


Similar Part No. - LY1F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY1F OMRON-LY1F Datasheet
438Kb / 15P
   General Purpose Relay
LY1F OMRON-LY1F Datasheet
679Kb / 16P
   General Purpose Relay
LY1F OMRON-LY1F Datasheet
9Mb / 22P
   Power-switching Compact General-purpose Relays
2021.4
LY1F-AC100110 OMRON-LY1F-AC100110 Datasheet
354Kb / 15P
   General Purpose Relay ??LY
LY1F-AC12 OMRON-LY1F-AC12 Datasheet
354Kb / 15P
   General Purpose Relay ??LY
More results

Similar Description - LY1F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com