Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK3PD-5-I Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # MK3PD-5-I
Description  General Purpose Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MK3PD-5-I Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button MK3PD-5-I Datasheet HTML 2Page - Omron Electronics LLC MK3PD-5-I Datasheet HTML 3Page - Omron Electronics LLC MK3PD-5-I Datasheet HTML 4Page - Omron Electronics LLC MK3PD-5-I Datasheet HTML 5Page - Omron Electronics LLC MK3PD-5-I Datasheet HTML 6Page - Omron Electronics LLC MK3PD-5-I Datasheet HTML 7Page - Omron Electronics LLC MK3PD-5-I Datasheet HTML 8Page - Omron Electronics LLC MK3PD-5-I Datasheet HTML 9Page - Omron Electronics LLC MK3PD-5-I Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
General Purpose Relay
MK
7
■ Approvals
UL (File No. E41515)/CSA (File Nos. LR41408 and LR335535)
SEV, DEMKO
TUV (File No. R9051410)
Note: 1. The rated values approved by each of the safety standards (e.g., UL and CSA) may be different from the performance characteristics
individually defined in this catalog.
2. VDE, Nemko and Semko versions are available. Please consult your OMRON representative for further information.
3. In the interest of product improvement, specifications are subject to change.
Type
Contact form
Coil ratings
Contact ratings
MK2P-I, -S
DPDT
6 to 250 VAC
6 to 110 VDC
10 A, 250 VAC, Resistive
10 A, 28 VDC, Resistive
7 A, 250 VAC, Inductive
MK3P5-I, -S
3PDT
6 to 250 VAC
6 to 110 VDC
10 A, 120 VAC, Resistive
10 A, 28 VDC, Resistive
10 A, 250 VAC, Resistive
7 A, 250 VAC, Inductive
Type
Contact form
Coil ratings
Contact ratings
MK2P-I, -S
DPDT
6 to 110 VDC
10 A, 250 VAC (NO) (cosø = 1)
5 A, 250 VAC (NC) (cosø = 1)
10 A, 280 VDC (NO)
MK3P5-I, -S
3PDT
6 to 240 VAC
5 A, 280 VDC (NC)
7 A, 250 VAC (cosø = 0.4)
Type
Contact form
Coil ratings
Contact ratings
MK2P-I, -S
DPDT
6, 12, 24, 48,
100, 110 VDC
10 A, 250 VAC (NO) (cosø = 1)
5 A, 250 VAC (NC) (cosø = 1)
10 A, 280 VDC (NO)
MK3P5-I, -S
3PDT
6, 12, 24, 50,
110, 115, 120,
200, 220, 230,
240 VAC
5 A, 280 VDC (NC)
7 A, 250 VAC (cosø = 0.4)


Similar Part No. - MK3PD-5-I

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MK3PD-5-I OMRON-MK3PD-5-I Datasheet
323Kb / 7P
   GENERAL PURPOSE RELAY
MK3PD-5-I OMRON-MK3PD-5-I Datasheet
653Kb / 10P
   General Purpose Relay
More results

Similar Description - MK3PD-5-I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com