Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC278MS8G Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC278MS8G
Description  100 mW MEDIUM POWER GaAs MMIC AMPLIFIER, 1.7 - 3.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC278MS8G Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC278MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC278MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC278MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC278MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC278MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC278MS8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
1 - 38
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Visit us at www.hittite.com, or Email at sales@hittite.com
1
HMC278MS8G
100 mW MEDIUM POWER GaAs
MMIC AMPLIFIER, 1.7 - 3.0 GHz
v02.1201
General Description
Features
Functional Diagram
P1dB Output Power: +20 dBm
Single Supply: +3V to +5V
Ultra Small 8 Lead MSOP Package
Electrical Specification, T
A = +25° C, As a Function of Vdd
Typical Applications
The HMC278MS8G is ideal for:
• PCS/3G & WLAN
• MMDS & ISM Radios
• HomeRF & BLUETOOTH
r
e
t
e
m
a
r
a
P
V
5
+
=
d
d
VV
5
+
=
d
d
VV
3
+
=
d
d
V
r
e
t
e
m
a
r
a
P
.
n
i
M.
p
y
T.
x
a
M.
n
i
M.
p
y
T.
x
a
M.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
e
g
n
a
R
y
c
n
e
u
q
e
r
F
0
.
3
-
7
.
15
.
2
-
3
.
25
.
2
-
3
.
2z
H
G
n
i
a
G5
10
25
26
11
25
25
19
13
2B
d
)
W
B
z
H
M
0
0
2
y
n
A
r
e
v
O
(
s
s
e
n
t
a
l
F
n
i
a
G7
.
0
±5
.
0
±5
.
0
±B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I5
0
17
0
17
0
1B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O6
0
17
0
17
0
1B
d
n
o
i
t
a
l
o
s
I
e
s
r
e
v
e
R6
42
58
42
58
42
5B
d
)
B
d
1
P
(
n
o
i
s
s
e
r
p
m
o
C
B
d
1
r
o
f
r
e
w
o
P
t
u
p
t
u
O5
.
3
19
15
.
6
10
25
.
2
16
1m
B
d
)
t
a
s
P
(
r
e
w
o
P
t
u
p
t
u
O
d
e
t
a
r
u
t
a
S6
11
29
12
25
18
1m
B
d
)
3
P
I
(
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
r
i
h
T
t
u
p
t
u
O6
22
39
22
38
22
3m
B
d
e
r
u
g
i
F
e
s
i
o
N6
6
6
B
d
(
t
n
e
r
r
u
C
y
l
p
p
u
Sd
I)
d0
3
15
6
10
3
15
6
15
2
10
4
1A
m
The HMC278MS8G is a 100mW GaAs MMIC
medium power amplifier covering 1.7 to 3 GHz. The
device is packaged in a low cost, surface mount 8
lead MSOP plastic package with an exposed base
paddle for improved RF ground and thermal dissi-
pation. The self-biased amplifier provides 21 dB of
gain and +20 dBm P1dB output power while operat-
ing from a single positive supply of Vdd= +5V @
130 mA. At Vdd = +3V the gain is 19 dB with a
P1dB of +16dBm. With RF I/Os matched to 50 Ohm,
external component requirements are minimal. At
a height of 0.040” (1.0mm), the MSOP8 package
is ideal for low profile portable wireless devices.
Use the HMC278MS8G with the HMC309MS8 inte-
grated LNA/TxRx switch front-end for BLUETOOTH
Class I, HomeRF, 802.11 WLAN, and ISM 2.4 GHz
radios.


Similar Part No. - HMC278MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC278MS8G HITTITE-HMC278MS8G Datasheet
234Kb / 6P
   100 mW MEDIUM POWER GaAs IC AMPLIFIER 1.7 - 3.0 GHz
More results

Similar Description - HMC278MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC278MS8G HITTITE-HMC278MS8G Datasheet
234Kb / 6P
   100 mW MEDIUM POWER GaAs IC AMPLIFIER 1.7 - 3.0 GHz
logo
NEC
UPC1677B NEC-UPC1677B Datasheet
45Kb / 3P
   1.7 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM26100-B1 MA-COM-MAAM26100-B1 Datasheet
116Kb / 2P
   GaAs MMIC Power Amplifier 3.0 - 6.4 GHz
logo
Hittite Microwave Corpo...
HMC272MS8 HITTITE-HMC272MS8_12 Datasheet
745Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272AMS8 HITTITE-HMC272AMS8 Datasheet
399Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272MS8 HITTITE-HMC272MS8_06 Datasheet
285Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC308 HITTITE-HMC308_09 Datasheet
252Kb / 6P
   GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
HMC308 HITTITE-HMC308_08 Datasheet
262Kb / 8P
   GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
HMC308 HITTITE-HMC308 Datasheet
261Kb / 8P
   GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
HMC283 HITTITE-HMC283_10 Datasheet
336Kb / 8P
   GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com