Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE-SA113 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SA113
Description  Photomicrosensor (Actuator)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SA113 Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SA113_1 Datasheet HTML 1Page - Omron Electronics LLC EE-SA113_1 Datasheet HTML 2Page - Omron Electronics LLC EE-SA113_1 Datasheet HTML 3Page - Omron Electronics LLC EE-SA113_1 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Photomicrosensor (Actuator)
EE-SA113
339
I Engineering Data
2. Operating force: The force required to press the actuator from its FP to OP.
Note: 1. Free position (FP):
The distance between the bottom of the housing to
the top of the actuator without any external force
imposed on the actuator.
Operating position (OP):
The distance between the bottom of the housing to
the top of the actuator when the actuator is
pressed and the IL becomes ILEAK or less.
Total travel position (TTP):
The distance between the bottom of the housing
to the top of the actuator when the actuator is fully
pressed.
Forward Current vs. Collector
Dissipation Temperature Rating
Forward Current vs. Forward
Voltage Characteristics (Typical)
Light Current vs. Forward Current
Characteristics (Typical)
Light Current vs. Collector
−Emitter
Voltage Characteristics (Typical)
Dark Current vs. Ambient
Temperature Characteristics
(Typical)
Sensing Position Characteristics
(Typical)
Distance d (mm)
d (FP point: 0 mm)
Ambient temperature Ta (
°C)
Forward voltage VF (V)
Forward current IF (mA)
Collector
−Emitter voltage VCE (V)
Ambient temperature Ta (
°C)
Ta =
−30°C
Ta = 25
°C
Ta = 70
°C
Ta = 25
°C
VCE = 10 V
IF = 40 mA
IF = 30 mA
IF = 20 mA
IF = 10 mA
Ta = 25
°C
VCE = 10 V
0
lx
IF = 20 mA
VCE = 5 V
IF = 20 mA
VCE = 5 V
Ta = 25
°C
IF = 50 mA
Ambient temperature Ta (
°C)
IF
PC
Relative Light Current vs. Ambi-
ent Temperature Characteristics
(Typical)


Similar Part No. - EE-SA113_1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SA113 OMRON-EE-SA113 Datasheet
149Kb / 2P
   Photomicrosensor (Actuator)
More results

Similar Description - EE-SA113_1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SA105 OMRON-EE-SA105 Datasheet
197Kb / 4P
   Photomicrosensor (Actuator)
EE-SA113 OMRON-EE-SA113 Datasheet
149Kb / 2P
   Photomicrosensor (Actuator)
EE-SA103 OMRON-EE-SA103 Datasheet
243Kb / 4P
   Photomicrosensor (Actuator Mounted)
EE-SA407-P2 OMRON-EE-SA407-P2 Datasheet
143Kb / 4P
   Photomicrosensor (Actuator Mounted)
EE-SA104 OMRON-EE-SA104 Datasheet
241Kb / 4P
   Photomicrosensor (Actuator Mounted)
EE-SA107-P2 OMRON-EE-SA107-P2 Datasheet
661Kb / 4P
   Photomicrosensor (Actuator Mounted)
EE-SA102 OMRON-EE-SA102 Datasheet
239Kb / 4P
   Photomicrosensor (Actuator Mounted)
EE-SA401-P12 OMRON-EE-SA401-P12 Datasheet
1Mb / 4P
   Photomicrosensor (Actuator Mounted)
EE-SX1088 OMRON-EE-SX1088 Datasheet
233Kb / 4P
   Photomicrosensor
logo
List of Unclassifed Man...
SX493 ETC-SX493 Datasheet
66Kb / 2P
   Photomicrosensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com