Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC259 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC259
Description  GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 28 - 40 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC259 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC259 Datasheet HTML 1Page - Hittite Microwave Corporation HMC259 Datasheet HTML 2Page - Hittite Microwave Corporation HMC259 Datasheet HTML 3Page - Hittite Microwave Corporation HMC259 Datasheet HTML 4Page - Hittite Microwave Corporation HMC259 Datasheet HTML 5Page - Hittite Microwave Corporation HMC259 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
5 - 124
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Visit us at www.hittite.com, or Email at sales@hittite.com
5
v01.0801
HMC259
The die should be attached directly to the ground
plane eutectically or with conductive epoxy (see HMC
general Handling, Mounting, Bonding Note).
50 Ohm Microstrip transmission lines on 0.127mm
(5 mil) thick alumina thin film substrates are rec-
ommended for bringing RF to and from the chip
(Figure 1). If 0.254mm (10 mil) thick alumina thin film
substrates must be used, the die should be raised
0.150mm (6 mils) so that the surface of the die is
coplanar with the surface of the substrate. One way
to accomplish this is to attach the 0.102mm (4 mil)
thick die to a 0.150mm (6 mil) thick molybdenum heat
spreader (moly-tab) which is then attached to the
ground plane (Figure 2).
MMIC Assembly Techniques for HMC259
Figure 3: Typical HMC259 Assembly
Mounting & Bonding Techiniques for Millimeterwave GaAs MMICs
Microstrip substrates should brought as close to the die as possible in order to minimize bond wire length.
Typical die-to-substrate spacing is 0.076mm (3 mils).
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 28 - 40 GHz


Similar Part No. - HMC259

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC259 HITTITE-HMC259 Datasheet
167Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 28 - 40 GHz
More results

Similar Description - HMC259

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC259 HITTITE-HMC259 Datasheet
167Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 28 - 40 GHz
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC330 HITTITE-HMC330_10 Datasheet
213Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC266 HITTITE-HMC266 Datasheet
168Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC330 HITTITE-HMC330_01 Datasheet
217Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC266 HITTITE-HMC266_06 Datasheet
276Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC266 HITTITE-HMC266_09 Datasheet
221Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC339 HITTITE-HMC339_09 Datasheet
307Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
logo
Analog Devices
HMC338 AD-HMC338 Datasheet
412Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com