Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVL-904HUOL Datasheet(PDF) 2 Page - Unity Opto Technology

Part # MVL-904HUOL
Description  Super Flux LEDS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-904HUOL Datasheet(HTML) 2 Page - Unity Opto Technology

  MVL-904HUOL Datasheet HTML 1Page - Unity Opto Technology MVL-904HUOL Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MVL-904HUOL
Optical-Electrical Characteristics
@ TA=25
oC
Parameter
Test Conditions
Symbol
Min .
Typ .
Max .
Unit .
Total Flux
IF=70mA
IV
900
2000
-
mlm
Forward Voltage
VF
-
2.2
2.5
V
Reverse Current
IR
-
-
100
µA
Wavelength
IF=20mA
λ
pd
-
630/625
-
nm
Viewing Angle
IF=20mA
2
θ
1/2
-
40
-
deg.
Typical Optical-Electrical Characteristic Curves
11/10/2000
IF=70mA
VR=10V
Unity Opto Technology Co., Ltd.
0
10
20
30
40
50
60
70
80
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
1.2
1.6
2.0
2.4
2.8
3.2
Forward Voltage (V)
FIG.3 FORWARD CURRENT VS.
FORWARD VOLTAGE
Ambient Temperature TA (
oC)
FIG.4 RELATIVE RADIANT INTENSITY
VS. AMBIENT TEMPERATURE
0
0.5
1
560
595
630
665
700
Wavelength (nm)
FIG.1 SPECTRAL DISTRIBUTION
0.1
1
10
0
20
30
50
70
90
Ambient Temperature (
oC)
FIG.2 LUMINOUS INTENSITY VS.
AMBIENT TEMPERATURE
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
20
40
60
80
100
Forward Current (mA)
FIG.5 RELATIVE RADIANT INTENSITY
VS. FORWARD CURRENT
0.5 0.3 0.1
0.2 0.4 0.6
1.0
0.9
0.8
FIG.6 RADIATION DIAGRAM
10°
20°
90°
70°
30°
40°
60°
50°
80°


Similar Part No. - MVL-904HUOL

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-904HUOLC UOT-MVL-904HUOLC Datasheet
99Kb / 8P
   JACK LEDs
More results

Similar Description - MVL-904HUOL

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPWA-MH00 HP-HPWA-MH00 Datasheet
137Kb / 6P
   Super Flux LEDs
logo
Unity Opto Technology
MVL-904UYL UOT-MVL-904UYL Datasheet
65Kb / 2P
   Super Flux LEDS
logo
Lite-On Technology Corp...
LTL913SEKS LITEON-LTL913SEKS Datasheet
204Kb / 9P
   Super Flux LEDs
LTL915SEKS LITEON-LTL915SEKS Datasheet
189Kb / 10P
   Super Flux LEDs
logo
Unity Opto Technology
MVL-914SG UOT-MVL-914SG Datasheet
61Kb / 2P
   Super Flux LEDS
logo
List of Unclassifed Man...
ULSF-X135 ETC-ULSF-X135 Datasheet
50Kb / 1P
   SUPER FLUX LEDS
logo
Gilway Technical Lamp
E601 GILWAY-E601 Datasheet
64Kb / 1P
   Super Flux LEDs
logo
Kingbright Corporation
L76761CPWC KINGBRIGHT-L76761CPWC Datasheet
91Kb / 1P
   SUPER FLUX LEDS
logo
Unity Opto Technology
MVL-904HUYL UOT-MVL-904HUYL Datasheet
62Kb / 2P
   Super Flux LEDS
MVL-904SG UOT-MVL-904SG Datasheet
65Kb / 2P
   Super Flux LEDS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com