Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC221 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC221
Description  GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC221 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC221 Datasheet HTML 1Page - Hittite Microwave Corporation HMC221 Datasheet HTML 2Page - Hittite Microwave Corporation HMC221 Datasheet HTML 3Page - Hittite Microwave Corporation HMC221 Datasheet HTML 4Page - Hittite Microwave Corporation HMC221 Datasheet HTML 5Page - Hittite Microwave Corporation HMC221 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10
10 - 42
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
GaAs MMIC SOT26 SPDT
SWITCH, DC - 3 GHz
General Description
Features
Functional Diagram
RoHS-Compliant Product
Low Insertion Loss: 0.4 dB
Ultra Small Package: SOT26
Input IP3: +45 dBm
Positive Control: 0/+3V @ 10 uA
Included in the HMC-DK005 Designer’s Kits
Electrical Specifications, T
A = +25° C, Vctl = 0/+3 to +8 Vdc
Typical Applications
The HMC221 & HMC221E is ideal for:
• ISM Applications
• PCMCIA Wireless Cards
• Cellular Applications
The HMC221 and HMC221E are low-cost SPDT
switches in a 6-lead SOT26 plastic package for
use in general switching applications which require
very low insertion loss and very small size.
These
devices can control signals from DC to 3 GHz and is
especially suited for 900 MHz, 1.8 - 2.2 GHz, and
2.4 GHz ISM applications with less than 1 dB loss.
The design provides exceptional insertion loss per-
formance, ideal for filter and receiver switching. RF1
and RF2 are reflective shorts when “Off”.
The two
control voltages require a minimal amount of DC cur-
rent and offer compatibility with most CMOS & TTL
logic families. See HMC197 for same performance in
an alternate SOT26 pin-out.The HMC221E is a RoHS-
compliant product.
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
DC - 3.0 GHz
0.4
0.45
0.6
0.8
0.7
0.8
0.9
1.1
dB
dB
dB
dB
Isolation
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
DC - 3.0 GHz
24
24
21
14
28
28
25
18
dB
dB
dB
dB
Return Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
DC - 3.0 GHz
20
17
16
11
23
22
20
15
dB
dB
dB
dB
Input Power for 1 dB Compression
(Vctl = 0/+5V)
0.5 - 1.0 GHz
0.5 - 3.0 GHz
25
23
30
29
dBm
dBm
Input Third Order Intercept
(Vctl = 0/+5V) (Two-tone Input Power = +7 dBm Each Tone)
0.5 - 1.0 GHz
0.5 - 3.0 GHz
40
38
45
43
dBm
dBm
Switching Characteristics
DC - 3.0 GHz
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
3
10
ns
ns
v02.0700
HMC221 / 221E


Similar Part No. - HMC221

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC221 HITTITE-HMC221 Datasheet
188Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221 Datasheet
272Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221 Datasheet
194Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221A HITTITE-HMC221A Datasheet
448Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
logo
Analog Devices
HMC221B AD-HMC221B Datasheet
265Kb / 9P
   GaAs, MMIC, SPDT Switch, 10 kHz to 3 GHz
More results

Similar Description - HMC221

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC197BE AD-HMC197BE Datasheet
432Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC- 3 GHz
logo
Hittite Microwave Corpo...
HMC197 HITTITE-HMC197_05 Datasheet
166Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
221E HITTITE-221E Datasheet
194Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC197 HITTITE-HMC197 Datasheet
171Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221 Datasheet
188Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221A HITTITE-HMC221A Datasheet
448Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221_06 Datasheet
272Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC197 HITTITE-HMC197_06 Datasheet
225Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC194AMS8 AD-HMC194AMS8 Datasheet
297Kb / 4P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com