Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D6F-Wcable Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D6F-Wcable
Description  MEMS Air Flow Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D6F-Wcable Datasheet(HTML) 1 Page - Omron Electronics LLC

  D6F-Wcable Datasheet HTML 1Page - Omron Electronics LLC D6F-Wcable Datasheet HTML 2Page - Omron Electronics LLC D6F-Wcable Datasheet HTML 3Page - Omron Electronics LLC D6F-Wcable Datasheet HTML 4Page - Omron Electronics LLC D6F-Wcable Datasheet HTML 5Page - Omron Electronics LLC D6F-Wcable Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MEMS Air Flow Sensor
D6F-W
1
MEMS Air Flow Sensor
D6F-W
The unique dust separating structure,
developed by Omron, is a compact and
highly efficient Flow-Sensor.
• Dust resistant design prevents contamination in an efficient
flow-sensor.
• ±5% Full-Scale repeatable accuracy achieves reliable air
velocity measurement.
• Applications include clogged filter detection and Variable
Air Volume (VAV) in ventilation.
NEW
Ordering Information
Ratings
■ Absolute Maximum Rating
Description
Gas
Flow range
Case
Model
Flow sensor
Air
0 - 1 m/s
0 - 4 m/s
Thermoplastic resin
D6F-W01A1
D6F-W04A1
Cable connector assembly
D6F-W cable
Item
Symbol
Rating
Unit
Power supply voltage
Vcc
26.4
VDC
Output voltage
Vout
6.0
VDC


Similar Part No. - D6F-Wcable

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-W OMRON-D6F-W Datasheet
420Kb / 4P
   MEMS Air Velocity Sensor
D6F-W01A1 OMRON-D6F-W01A1 Datasheet
420Kb / 4P
   MEMS Air Velocity Sensor
D6F-W04A1 OMRON-D6F-W04A1 Datasheet
420Kb / 4P
   MEMS Air Velocity Sensor
D6F-W10A1 OMRON-D6F-W10A1 Datasheet
420Kb / 4P
   MEMS Air Velocity Sensor
D6F-W OMRON-D6F-W_10 Datasheet
420Kb / 4P
   MEMS Air Velocity Sensor
More results

Similar Description - D6F-Wcable

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-P0010A OMRON-D6F-P0010A Datasheet
405Kb / 5P
   MEMS Flow Sensor
D6F-01N OMRON-D6F-01N Datasheet
265Kb / 6P
   MEMS Flow Sensor
D6F-01 OMRON-D6F-01 Datasheet
195Kb / 6P
   MEMS Flow Sensor
D6F-01A1-110 OMRON-D6F-01A1-110 Datasheet
77Kb / 3P
   MEMS Flow Sensor
D6F-V03A1 OMRON-D6F-V03A1 Datasheet
312Kb / 4P
   MEMS Flow-Sensor
D6F-03A3-000 OMRON-D6F-03A3-000_10 Datasheet
231Kb / 4P
   MEMS Mass Flow Sensor
D6F-03A3-000 OMRON-D6F-03A3-000 Datasheet
352Kb / 5P
   MEMS Mass Flow Sensor
D6F-P OMRON-D6F-P_10 Datasheet
688Kb / 6P
   MEMS Mass Flow Sensor
D6F-V03A1 OMRON-D6F-V03A1_10 Datasheet
336Kb / 4P
   MEMS Air Velocity Sensor
logo
Festo Corporation.
SFAM-62-1000L-M-2SA-M12 FESTO-SFAM-62-1000L-M-2SA-M12 Datasheet
81Kb / 2P
   Air flow sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com