Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC172QS24 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC172QS24
Description  GaAs MMIC SP6T SWITCH DC - 2.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC172QS24 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC172QS24 Datasheet HTML 1Page - Hittite Microwave Corporation HMC172QS24 Datasheet HTML 2Page - Hittite Microwave Corporation HMC172QS24 Datasheet HTML 3Page - Hittite Microwave Corporation HMC172QS24 Datasheet HTML 4Page - Hittite Microwave Corporation HMC172QS24 Datasheet HTML 5Page - Hittite Microwave Corporation HMC172QS24 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
14 - 6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
14
HMC172QS24
v01.0101
GaAs MMIC SP6T SWITCH
DC - 2.5 GHz
Evaluation Circuit Board
The circuit board used in the final application should
be generated with proper RF circuit design tech-
niques. Signal lines at the RF port should have 50
ohm impedance and the package ground leads and
package bottom should be connected directly to the
ground plane similar to that shown above. The evalu-
ation circuit board shown above is available from Hit-
tite Microwave Corporation upon request.
List of Material
Item
Description
J1 - J7
PC Mount SMA RF Connector
J8 - J12
DC Pin
C1 - C7
100 pF Capacitor, 0402 Pkg.
C8 - C11
10,000 pF capacitor, 0603 Pkg.
U1
HMC172QS24 SP6T Switch
PCB*
103700 Evaluation PCB
* Circuit Board Material: Rogers 4350


Similar Part No. - HMC172QS24

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC172QS24 HITTITE-HMC172QS24 Datasheet
88Kb / 4P
   GaAS MMIC SP6T SWITCH DC TO 2.5 GHz
More results

Similar Description - HMC172QS24

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC172QS24 HITTITE-HMC172QS24 Datasheet
88Kb / 4P
   GaAS MMIC SP6T SWITCH DC TO 2.5 GHz
HMC252QS24 HITTITE-HMC252QS24_08 Datasheet
173Kb / 4P
   GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3 GHz
logo
Analog Devices
HMC252AQS24E AD-HMC252AQS24E Datasheet
601Kb / 4P
   GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC252QS24 HITTITE-HMC252QS24_06 Datasheet
249Kb / 4P
   GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3.0 GHz
HMC252QS24 HITTITE-HMC252QS24 Datasheet
196Kb / 4P
   GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3.0 GHz
HMC239S8 HITTITE-HMC239S8 Datasheet
175Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC239AS8 HITTITE-HMC239AS8 Datasheet
303Kb / 4P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC239S8 HITTITE-HMC239S8_10 Datasheet
198Kb / 4P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC239S8 HITTITE-HMC239S8_06 Datasheet
227Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
logo
Tyco Electronics
SW-284 MACOM-SW-284 Datasheet
69Kb / 2P
   GaAs Matched SP6T Switch DC - 2 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com