Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC132 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC132
Description  GaAs MMIC HIGH-ISOLATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC132 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC132 Datasheet HTML 1Page - Hittite Microwave Corporation HMC132 Datasheet HTML 2Page - Hittite Microwave Corporation HMC132 Datasheet HTML 3Page - Hittite Microwave Corporation HMC132 Datasheet HTML 4Page - Hittite Microwave Corporation HMC132 Datasheet HTML 5Page - Hittite Microwave Corporation HMC132 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
7 - 6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Visit us at www.hittite.com, or Email at sales@hittite.com
7
HMC132
v02.1201
GaAs MMIC HIGH-ISOLATION
SPDT SWITCH, DC - 15 GHz
Handling Precautions
Follow these precautions to avoid permanent damage.
Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean the chip using liquid
cleaning systems.
Static Sensitivity: Follow ESD precautions to protect against > ± 250V ESD strikes.
Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and
bias cables to minimize inductive pick-up.
General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent
tweezers. The surface of the chip has fragile air bridges and should not be touched with vacuum collet,
tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically con-
ductive epoxy. The mounting surface should be clean and flat.
Eutectic Die Attach:
A 80/20 gold tin preform is recommended with a work surface temperature of 255 deg. C and a tool
temperature of 265 deg. C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should
be 290 deg. C. DO NOT expose the chip to a temperature greater than 320 deg. C for more than 20
seconds. No more than 3 seconds of scrubbing should be required for attachment.
Epoxy Die Attach:
Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet
is observed around the perimeter of the chip once it is placed into position.
Cure epoxy per the manufacturer’s schedule.
Wire Bonding
Ball or wedge bond with 0.025 mm (1 mil) diameter pure gold wire (DC Bias) or ribbon bond (RF ports)
0.076 mm x 0.013 mm (3 mil x 0.5 mil) size is recommended. Thermosonic wirebonding with a nominal
stage temperature of 150 deg. C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18
to 22 grams is recommended. Use the minimum level of ultrasonic energy to achieve reliable wirebonds.
Wirebonds should be started on the chip and terminated on the package or substrate. All bonds should be
as short as possible <0.31 mm (12 mils).


Similar Part No. - HMC132

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC132C8 HITTITE-HMC132C8 Datasheet
74Kb / 6P
   GaAS MMIC SMT HIGH-ISOLATION SPDT SWITCH DC - 8 GHZ
HMC132C8 HITTITE-HMC132C8 Datasheet
135Kb / 6P
   GaAs MMIC SMT HIGH-ISOLATION SPDT SWITCH, DC - 8 GHz
HMC132C8 HITTITE-HMC132C8_01 Datasheet
135Kb / 6P
   GaAs MMIC SMT HIGH-ISOLATION SPDT SWITCH, DC - 8 GHz
HMC132G7 HITTITE-HMC132G7 Datasheet
64Kb / 4P
   GAAS MMIC HIGH - ISOLATION SPDT SWITCH DC - 6 GHZ
HMC132G7 HITTITE-HMC132G7 Datasheet
85Kb / 4P
   GaAs MMIC HIGH-ISOLATION SPDT SWITCH, DC - 6 GHz
More results

Similar Description - HMC132

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
MMD-1648L MARKIMICROWAVE-MMD-1648L Datasheet
614Kb / 6P
   High Isolation GaAs MMIC Doubler
logo
New Japan Radio
NJG1690MD7 NJRC-NJG1690MD7 Datasheet
273Kb / 12P
   HIGH ISOLATION X-SPDT (DP4T) SWITCH GaAs MMIC
logo
Stanford Microdevices
SSW-224 STANFORD-SSW-224 Datasheet
162Kb / 3P
   DC-6 GHZ HIGH ISOLATION SPDT GAAS MMIC SWITCH
SSW-108 STANFORD-SSW-108 Datasheet
83Kb / 2P
   DC-4 GHz High Isolation GaAs MMIC SPDT Switch
logo
Hittite Microwave Corpo...
HMC607 HITTITE-HMC607_09 Datasheet
214Kb / 6P
   GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
HMC607 HITTITE-HMC607 Datasheet
283Kb / 6P
   GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
HMC132G7 HITTITE-HMC132G7 Datasheet
64Kb / 4P
   GAAS MMIC HIGH - ISOLATION SPDT SWITCH DC - 6 GHZ
logo
Stanford Microdevices
SSW-124 STANFORD-SSW-124 Datasheet
164Kb / 3P
   DC-6 GHz High Isolation SPDT GaAs MMIC Switch
SSW-208 STANFORD-SSW-208 Datasheet
79Kb / 2P
   DC-4 GHz, High Isolation GaAs MMIC SPDT Switch
logo
Hittite Microwave Corpo...
HMC132G7 HITTITE-HMC132G7_01 Datasheet
85Kb / 4P
   GaAs MMIC HIGH-ISOLATION SPDT SWITCH, DC - 6 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com