Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD264M726A8-M Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HYMD264M726A8-M
Description  Unbuffered DDR SO-DIMM with PLL
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD264M726A8-M Datasheet(HTML) 1 Page - Hynix Semiconductor

  HYMD264M726A8-M Datasheet HTML 1Page - Hynix Semiconductor HYMD264M726A8-M Datasheet HTML 2Page - Hynix Semiconductor HYMD264M726A8-M Datasheet HTML 3Page - Hynix Semiconductor HYMD264M726A8-M Datasheet HTML 4Page - Hynix Semiconductor HYMD264M726A8-M Datasheet HTML 5Page - Hynix Semiconductor HYMD264M726A8-M Datasheet HTML 6Page - Hynix Semiconductor HYMD264M726A8-M Datasheet HTML 7Page - Hynix Semiconductor HYMD264M726A8-M Datasheet HTML 8Page - Hynix Semiconductor HYMD264M726A8-M Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
64Mx72 bits
Unbuffered DDR SO-DIMM with PLL
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsibility for use of circuits described. No patent licenses are implied.
Rev. 0.1/Apr. 02
1
HYMD264M726A(L)8-J/M/K/H/L
DESCRIPTION
Hynix HYMD264M726A(L)8-J/M/K/H/L series is unbuffered 200-pin double data rate Synchronous DRAM Small Outline
Dual In-Line Memory Modules (SO-DIMMs) which are organized as 64Mx72 high-speed memory arrays. Hynix
HYMD264M726A(L)8-J/M/K/H/L series consists of eighteen 32Mx8 DDR SDRAM in 400mil TSOP II packages on a
200pin glass-epoxy substrate.
Hynix HYMD264M726A(L)8-J/M/K/H/L series is designed for high speed of up to 166MHz and offers fully synchronous
operations referenced to both rising and falling edges of differential clock inputs. While all addresses and control
inputs are latched on the rising edges of the clock, Data, Data strobes and Write data masks inputs are sampled on
both rising and falling edges of it. The data paths are internally pipelined and 2-bit prefetched to achieve very high
bandwidth. All input and output voltage levels are compatible with SSTL_2. High speed frequencies, programmable
latencies and burst lengths allow variety of device operation in high performance memory system.
Hynix HYMD264M726A(L)8-J/M/K/H/L series incorporates SPD(serial presence detect). Serial presence detect function
is implemented via a serial 2,048-bit EEPROM. The first 128 bytes of serial PD data are programmed by Hynix to iden-
tify DIMM type, capacity and other the information of DIMM and the last 128 bytes are available to the customer.
FEATURES
ORDERING INFORMATION
Part No.
Power Supply
Clock Frequency
Interface
Form Pactor
HYMD264M726A(L)8-J
VDD=2.5V
VDDQ=2.5V
166MHz (*DDR333)
SSTL_2
200pin Unbuffered SO-DIMM
HYMD264M726A(L)8-M
133MHz (*DDR266:2-2-2)
HYMD264M726A(L)8-K
133MHz (*DDR266A)
HYMD264M726A(L)8-H
133MHz (*DDR266B)
HYMD264M726A(L)8-L
100MHz (*DDR200)
512MB (64M x 72) Unbuffered DDR SO-DIMM based
on 32Mx8 DDR SDRAM
JEDEC Standard 200-pin small outline dual in-line
memory module (SO-DIMM)
2.5V +/- 0.2V VDD and VDDQ Power supply
All inputs and outputs are compatible with SSTL_2
interface
Fully differential clock operations (CK & /CK) with
100MHz/125MHz/133MHz/166MHz
All addresses and control inputs except Data, Data
strobes and Data masks latched on the rising edges
of the clock
Data(DQ), Data strobes and Write masks latched on
both rising and falling edges of the clock
Data inputs on DQS centers when write (centered
DQ)
Data strobes synchronized with output data for read
and input data for write
Programmable /CAS Latency 2 / 2.5 supported
Programmable Burst Length 2 / 4 / 8 with both
sequential and interleave mode
tRAS Lock-out function supported
Internal four bank operations with single pulsed
/RAS
Auto refresh and self refresh supported
8192 refresh cycles / 64ms
2.00” (50.80mm) Height PCB with Double sided
components
* JEDEC Defined Specifications compliant


Similar Part No. - HYMD264M726A8-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264M646BF8-D4 HYNIX-HYMD264M646BF8-D4 Datasheet
563Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD264M646BF8-D43 HYNIX-HYMD264M646BF8-D43 Datasheet
563Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD264M646BF8-H HYNIX-HYMD264M646BF8-H Datasheet
541Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD264M646BF8-J HYNIX-HYMD264M646BF8-J Datasheet
541Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD264M646BF8-K HYNIX-HYMD264M646BF8-K Datasheet
541Kb / 19P
   Unbuffered DDR SO-DIMM
More results

Similar Description - HYMD264M726A8-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264M646BF8-J HYNIX-HYMD264M646BF8-J Datasheet
541Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD264M646BLF8-D43 HYNIX-HYMD264M646BLF8-D43 Datasheet
563Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD512M646AFS8-D43 HYNIX-HYMD512M646AFS8-D43 Datasheet
382Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD564M646A8-J HYNIX-HYMD564M646A8-J Datasheet
317Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216726A6-M HYNIX-HYMD216726A6-M Datasheet
243Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD216726C6-M HYNIX-HYMD216726C6-M Datasheet
268Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD564M646AL6-D43 HYNIX-HYMD564M646AL6-D43 Datasheet
332Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216M646CL6-J HYNIX-HYMD216M646CL6-J Datasheet
319Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD232M646CF6-J HYNIX-HYMD232M646CF6-J Datasheet
462Kb / 20P
   Unbuffered DDR SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com