Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD264G726C4M-L Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HYMD264G726C4M-L
Description  Low Profile Registered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD264G726C4M-L Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HYMD264G726C4M-L Datasheet HTML 4Page - Hynix Semiconductor HYMD264G726C4M-L Datasheet HTML 5Page - Hynix Semiconductor HYMD264G726C4M-L Datasheet HTML 6Page - Hynix Semiconductor HYMD264G726C4M-L Datasheet HTML 7Page - Hynix Semiconductor HYMD264G726C4M-L Datasheet HTML 8Page - Hynix Semiconductor HYMD264G726C4M-L Datasheet HTML 9Page - Hynix Semiconductor HYMD264G726C4M-L Datasheet HTML 10Page - Hynix Semiconductor HYMD264G726C4M-L Datasheet HTML 11Page - Hynix Semiconductor HYMD264G726C4M-L Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HYMD264G726C(L)4M-M/K/H/L
Rev. 0.1 / Mar. 2003
8
DC CHARACTERISTICS II (TA=0 to 70oC, Voltage referenced to VSS = 0V)
Parameter
Symbol
Test Condition
Speed
Unit Note
-M
-K
-H
-L
Operating Current
IDD0
One bank; Active - Precharge; tRC=tRC(min);
tCK=tCK(min); DQ,DM and DQS inputs
changing twice per clock cycle; address and
control inputs changing once per clock cycle
2540
2360
2360
2270
mA
Operating Current
IDD1
One bank; Active - Read - Precharge; Burst
Length=2; tRC=tRC(min); tCK=tCK(min);
address and control inputs changing once per
clock cycle
3350
2990
2990
2810
mA
Precharge Power
Down Standby Current
IDD2P
All banks idle; Power down mode; CKE=Low,
tCK=tCK(min)
1010
mA
Idle Standby Current
IDD2F
/CS=High, All banks idle; tCK=tCK(min); CKE=
High; address and control inputs changing once
per clock cycle. VIN = VREF for DQ, DQS and
DM
1550
1370
1370
1280
mA
Active Power Down
Standby Current
IDD3P
One bank active; Power down mode;
CKE=Low, tCK=tCK(min)
1100
mA
Idle Quiet Standby
Current
IDD2Q
/CS>=Vih(min); All banks idle; CKE>=Vih(min);
Addresses and other control inputs stable,
Vin=Vref for DQ, DQS and DM
TBD
mA
Active Standby Current
IDD3N
/CS=HIGH; CKE=HIGH; One bank; Active-
Precharge; tRC=tRAS(max); tCK=tCK(max);
DQ, DM and DQS inputs changing twice per
clock cycle; Address and other control inputs
changing once per clock cycle
1730
1550
1550
1550
mA
Operating Current
IDD4R
Burst=2; Reads; Continuous burst; One bank
active; Address and control inputs changing
once per clock cycle; tCK=tCK(min);
IOUT=0mA
5690
4970
4970
3890
mA
Operating Current
IDD4W
Burst=2; Writes; Continuous burst; One bank
active; Address and control inputs changing
once per clock cycle; tCK=tCK(min); DQ, DM,
and DQS inputs changing twice per clock cycle
5690
4970
4970
3890
Auto Refresh Current
IDD5
tRC=tRFC(min) - 8*tCK for DDR200 at 100Mhz,
10*tCK for DDR266A & DDR266B at 133Mhz;
distributed refresh
4490
4130
4130
3860
Self Refresh Current
IDD6
CKE=<0.2V; External clock on;
tCK=tCK(min)
Normal
404
mA
Low Power
377
mA
Operating Current -
Four Bank Operation
IDD7
Four bank interleaving with BL=4 Refer to the
following page for detailed test condition
6140
5960
5960
5960
mA
Random Read Current
IDD7A
4banks active read with activate every 20ns,
AP(Auto Precharge) read every 20ns, BL=4,
tRCD=3, IOUT=0 mA, 100% DQ, DM and DQS
inputs changing twice per clock cycle; 100%
addresses changing once per clock cycle
TBD
mA


Similar Part No. - HYMD264G726C4M-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264G726C4-H HYNIX-HYMD264G726C4-H Datasheet
323Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726C4-K HYNIX-HYMD264G726C4-K Datasheet
323Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726C4-L HYNIX-HYMD264G726C4-L Datasheet
323Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726C4-M HYNIX-HYMD264G726C4-M Datasheet
323Kb / 16P
   Registered DDR SDRAM DIMM
More results

Similar Description - HYMD264G726C4M-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726BL8M-M HYNIX-HYMD232G726BL8M-M Datasheet
154Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD525G726AS4M-M HYNIX-HYMD525G726AS4M-M Datasheet
304Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726BL8M-M HYNIX-HYMD264G726BL8M-M Datasheet
146Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726A8M-M HYNIX-HYMD264G726A8M-M Datasheet
200Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726BL4M-M HYNIX-HYMD264G726BL4M-M Datasheet
160Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726BS4M-M HYNIX-HYMD212G726BS4M-M Datasheet
164Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD564G726A8M-M HYNIX-HYMD564G726A8M-M Datasheet
264Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B4M-M HYNIX-HYMD132G725B4M-M Datasheet
232Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725EL4M-M HYNIX-HYMD132G725EL4M-M Datasheet
166Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726AS4M-M HYNIX-HYMD212G726AS4M-M Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B8M-M HYNIX-HYMD132G725B8M-M Datasheet
258Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com