Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAN3401 Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAN3401
Description  PS/2 OPTICAL MOUSE SINGLE CHIP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3401 Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAN3401 Datasheet HTML 1Page - Pixart Imaging Inc. PAN3401 Datasheet HTML 2Page - Pixart Imaging Inc. PAN3401 Datasheet HTML 3Page - Pixart Imaging Inc. PAN3401 Datasheet HTML 4Page - Pixart Imaging Inc. PAN3401 Datasheet HTML 5Page - Pixart Imaging Inc. PAN3401 Datasheet HTML 6Page - Pixart Imaging Inc. PAN3401 Datasheet HTML 7Page - Pixart Imaging Inc. PAN3401 Datasheet HTML 8Page - Pixart Imaging Inc. PAN3401 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PixArt Imaging Inc.
PAN3401
PS/2 Optical Mouse Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
3
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.3, Mar. 2008
2. Block Diagram and Operation
DIGITAL
SIGNAL
PROCESSOR
POWER ON
RESET
LED
DRIVE
CLOCK
DATA
OSCILLATOR
LED
VREF
VDD
PS/2
INTERFACE
VOLTAGE
REFERENCE
5V POWER
VSS
CMOS IMAGE
SENSOR
INTERNAL
OSC_RES
PS/2 MOUSE CONTROLLER
Z1
Z2
WHEEL
BR
BL
BM
BUTTON
Figure 3. Block Diagram
The PAN3401 is a CMOS process optical mouse sensor single chip with PS/2 interface that serves as a non-
mechanical motion estimation engine for implementing a computer mouse. It is based on new optical navigation
technology, which measures changes in position by optically acquiring sequential surface images (frames) and
mathematically determining the direction and magnitude of movement. The sensor is in a 12-pin optical package
and comes with the resolution of 400/800/1000 counts per inch (CPI) and the rate of motion up to 28 inches per
second. It is also featured crystal-less (Internal ± 10% accurate oscillator) to save customer’s BOM cost. The
PAN3401 includes PS/2 interface so that no mouse controller is needed to interface through PS/2. The PAN3401
can receive command and echo status or data format which are compatible with IBM
® PS/2 mouse and
Microsoft
® 3D PS/2 mouse.


Similar Part No. - PAN3401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAN301A ETC2-PAN301A Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Pixart Imaging Inc.
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
List of Unclassifed Man...
PAN301ASI-204 ETC2-PAN301ASI-204 Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Pixart Imaging Inc.
PAN301ASI-204 PIXART-PAN301ASI-204 Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
List of Unclassifed Man...
PAN301ASI-208 ETC2-PAN301ASI-208 Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
More results

Similar Description - PAN3401

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3401 PIXART-PAW3401 Datasheet
619Kb / 17P
   PS/2 OPTICAL MOUSE SENSOR
PAW3402 PIXART-PAW3402 Datasheet
336Kb / 15P
   PS/2 OPTICAL MOUSE SOC
logo
ELAN Microelectronics C...
EKM8053 EMC-EKM8053 Datasheet
623Kb / 16P
   USB & PS/2 Optical Mouse Controller
EKM8050 EMC-EKM8050 Datasheet
487Kb / 9P
   USB & PS/2 Optical Mouse Controller
logo
Pixart Imaging Inc.
PAW3502 PIXART-PAW3502 Datasheet
477Kb / 10P
   USB OPTICAL MOUSE SINGLE CHIP
logo
Holtek Semiconductor In...
HT82M30A HOLTEK-HT82M30A Datasheet
177Kb / 13P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M32A HOLTEK-HT82M32A Datasheet
168Kb / 11P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M25X HOLTEK-HT82M25X Datasheet
144Kb / 13P
   3/5-Key USBPS/2 Optical Mouse Controller
HT82M35X HOLTEK-HT82M35X Datasheet
104Kb / 7P
   3/5-Key 3D PS/2 Optical Mouse Controller
logo
Pixart Imaging Inc.
PAW3515DB PIXART-PAW3515DB Datasheet
69Kb / 4P
   USB OPTICAL MOUSE SINGLE CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com