Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD264G726B4M-M Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HYMD264G726B4M-M
Description  Low Profile Registered DDR SDRAM DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD264G726B4M-M Datasheet(HTML) 2 Page - Hynix Semiconductor

  HYMD264G726B4M-M Datasheet HTML 1Page - Hynix Semiconductor HYMD264G726B4M-M Datasheet HTML 2Page - Hynix Semiconductor HYMD264G726B4M-M Datasheet HTML 3Page - Hynix Semiconductor HYMD264G726B4M-M Datasheet HTML 4Page - Hynix Semiconductor HYMD264G726B4M-M Datasheet HTML 5Page - Hynix Semiconductor HYMD264G726B4M-M Datasheet HTML 6Page - Hynix Semiconductor HYMD264G726B4M-M Datasheet HTML 7Page - Hynix Semiconductor HYMD264G726B4M-M Datasheet HTML 8Page - Hynix Semiconductor HYMD264G726B4M-M Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
64Mx72 bits
Low Profile Registered DDR SDRAM DIMM
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsibility for use of circuits described. No patent licenses are implied.
Rev. 0.2/ Dec. 2003
2
HYMD264G726B(L)4M-M/K/H/L
DESCRIPTION
Hynix HYMD264G726B(L)4M-M/K/H/L series is Low Profile registered 184-pin double data rate Synchronous DRAM
Dual In-Line Memory Modules (DIMMs) which are organized as 64Mx72 high-speed memory arrays. Hynix
HYMD264G726B(L)4M-M/K/H/L series consists of eighteen 64Mx4 DDR SDRAM in 400mil TSOP II packages on a
184pin glass-epoxy substrate. Hynix HYMD264G726B(L)4M-M/K/H/L series provide a high performance 8-byte inter-
face in 5.25" width form factor of industry standard. It is suitable for easy interchange and addition.
Hynix HYMD264G726B(L)4M-M/K/H/L series is designed for high speed of up to 133MHz and offers fully synchronous
operations referenced to both rising and falling edges of differential clock inputs. While all addresses and control inputs
are latched on the rising edges of the clock, Data, Data strobes and Write data masks inputs are sampled on both ris-
ing and falling edges of it. The data paths are internally pipelined and 2-bit prefetched to achieve very high bandwidth.
All input and output voltage levels are compatible with SSTL_2. High speed frequencies, programmable latencies and
burst lengths allow variety of device operation in high performance memory system.
Hynix HYMD264G726B(L)4M-M/K/H/L series incorporates SPD(serial presence detect). Serial presence detect func-
tion is implemented via a serial 2,048-bit EEPROM. The first 128 bytes of serial PD data are programmed by Hynix to
identify DIMM type, capacity and other the information of DIMM and the last 128 bytes are available to the customer.
FEATURES
ORDERING INFORMATION
Part No.
Power Supply
Clock Frequency
Interface
Form Factor
HYMD264G726B(L)4M-M
VDD=2.5V
VDDQ=2.5V
133MHz (*DDR266:2-2-2)
SSTL_2
184pin Low Profile Registered
DIMM
5.25 x 1.2 x 0.15 inch
HYMD264G726B(L)4M-K
133MHz (*DDR266A)
HYMD264G726B(L)4M-H
133MHz (*DDR266B)
HYMD264G726B(L)4M-L
100MHz (*DDR200)
512MB (64M x 72) Low Profile Registered DDR
DIMM based on 64Mx4 DDR SDRAM
JEDEC Standard 184-pin dual in-line memory mod-
ule (DIMM)
Error Check Correction (ECC) Capability
Registered inputs with one-clock delay
Phase-lock loop (PLL) clock driver to reduce loading
2.5V +/- 0.2V VDD and VDDQ Power supply
All inputs and outputs are compatible with SSTL_2
interface
Fully differential clock operations (CK & /CK) with
100MHz/125MHz/133MHz
Programmable CAS Latency 2 / 2.5 supported
Programmable Burst Length 2 / 4 / 8 with both
sequential and interleave mode
tRAS Lock-out function supported
Internal four bank operations with single pulsed RAS
Auto refresh and self refresh supported
8192 refresh cycles / 64ms
* JEDEC Defined Specifications compliant


Similar Part No. - HYMD264G726B4M-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264G726B4-H HYNIX-HYMD264G726B4-H Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726B4-K HYNIX-HYMD264G726B4-K Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726B4-L HYNIX-HYMD264G726B4-L Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726B4-M HYNIX-HYMD264G726B4-M Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
More results

Similar Description - HYMD264G726B4M-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726BL8M-M HYNIX-HYMD232G726BL8M-M Datasheet
154Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD525G726AS4M-M HYNIX-HYMD525G726AS4M-M Datasheet
304Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726BL8M-M HYNIX-HYMD264G726BL8M-M Datasheet
146Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726A8M-M HYNIX-HYMD264G726A8M-M Datasheet
200Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726BS4M-M HYNIX-HYMD212G726BS4M-M Datasheet
164Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD564G726A8M-M HYNIX-HYMD564G726A8M-M Datasheet
264Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B4M-M HYNIX-HYMD132G725B4M-M Datasheet
232Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725EL4M-M HYNIX-HYMD132G725EL4M-M Datasheet
166Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726AS4M-M HYNIX-HYMD212G726AS4M-M Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B8M-M HYNIX-HYMD132G725B8M-M Datasheet
258Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com