Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD264G726AL8M-L Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HYMD264G726AL8M-L
Description  Low Profile Registered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD264G726AL8M-L Datasheet(HTML) 3 Page - Hynix Semiconductor

  HYMD264G726AL8M-L Datasheet HTML 1Page - Hynix Semiconductor HYMD264G726AL8M-L Datasheet HTML 2Page - Hynix Semiconductor HYMD264G726AL8M-L Datasheet HTML 3Page - Hynix Semiconductor HYMD264G726AL8M-L Datasheet HTML 4Page - Hynix Semiconductor HYMD264G726AL8M-L Datasheet HTML 5Page - Hynix Semiconductor HYMD264G726AL8M-L Datasheet HTML 6Page - Hynix Semiconductor HYMD264G726AL8M-L Datasheet HTML 7Page - Hynix Semiconductor HYMD264G726AL8M-L Datasheet HTML 8Page - Hynix Semiconductor HYMD264G726AL8M-L Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
HYMD264G726A(L)8M-M/K/H/L
Rev. 0.2/May. 02
3
FUNCTIONAL BLOCK DIAGRAM
/RCS1
DQS0
/RCS0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
D0
/CS
DM
DM0
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D9
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
D1
/CS
DM
DM1
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D10
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
D2
/CS
DM
DM2
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D11
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
D3
/CS
DM
DM3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D12
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
D4
/CS
DM
DM4
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D13
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
D5
/CS
DM
DM5
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D14
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
D6
/CS
DM
DM6
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D15
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
D7
/CS
DM
DM7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D16
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS4
DQS5
DQS6
DQS7
DQS1
DQS2
DQS3
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
D8
/CS
DM
DM8
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D17
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS8
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
Notes:
1. DQ-to-I/O wiring may be changed within a byte
2. DQ/DQS/DM/CKE/S relationships must be
maintained as shown.
3. DQ/DQS resistors should be 18 Ohms.
4. VDDID strap connections(for memory device VDD, VDDQ);
Strap out :(open) : VDD=VDDQ
Strap In (Vss) : VDD=VDDQ
5. /RS0 and /RS1 alternate btw the back and front sides of the DIMM
6. Address and control resistors should be 22 Ohms
SCL
Serial PD
A0
A1
A2
SA0
SA1
SA2
WP
SDA
/RCS0 -->/CS0 : SDRAMs D0-D8
/RCS1-->/CS1 : SDRAMs D9 - D17
RBA0-RBA1--> : BA0-BA1:SDRAMs D0-D17
RA0 -R A12 -->A0 - A12 : SDRAMs D0 - D17
/RRAS --> /RAS : SDRAMs D0 - D17
/RCAS --> /CAS : SDRAMs D0 - D17
RCKE0 --> CKE : SDRAMs D0 - D8
RCKE1 --> CKE : SDRAMs D9-D17
/RWE --> /WE : SDRAMs D0 - D17
/CS0
/CS1
BA0-BA1
A0-A12
/RAS
/CAS
CKE0
CKE1
/WE
R
E
G
PCK
/PCK
/RESET
CK0, /CK0 --------- PLL*
* Wire per clock loading table/wiring diagrams
.
.
VDDSPD
VREF
VSS
VDDID
D0 - D17
D0 - D17
D0 - D17
D0 - D17
=
.
=
.
. =
.
.
.
..
Strap:see Note 4
VDD
SPD
VDDQ
=
.
.
/RCS1
DQS0
/RCS0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
D0
/CS
DM
DM0
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D9
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
D1
/CS
DM
DM1
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D10
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
D2
/CS
DM
DM2
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D11
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
D3
/CS
DM
DM3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D12
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
D4
/CS
DM
DM4
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D13
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
D5
/CS
DM
DM5
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D14
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
D6
/CS
DM
DM6
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D15
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
D7
/CS
DM
DM7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D16
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS4
DQS5
DQS6
DQS7
DQS1
DQS2
DQS3
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
D8
/CS
DM
DM8
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D17
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS8
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
Notes:
1. DQ-to-I/O wiring may be changed within a byte
2. DQ/DQS/DM/CKE/S relationships must be
maintained as shown.
3. DQ/DQS resistors should be 18 Ohms.
4. VDDID strap connections(for memory device VDD, VDDQ);
Strap out :(open) : VDD=VDDQ
Strap In (Vss) : VDD=VDDQ
5. /RS0 and /RS1 alternate btw the back and front sides of the DIMM
6. Address and control resistors should be 22 Ohms
SCL
Serial PD
A0
A1
A2
SA0
SA1
SA2
WP
SDA
/RCS0 -->/CS0 : SDRAMs D0-D8
/RCS1-->/CS1 : SDRAMs D9 - D17
RBA0-RBA1--> : BA0-BA1:SDRAMs D0-D17
RA0 -R A12 -->A0 - A12 : SDRAMs D0 - D17
/RRAS --> /RAS : SDRAMs D0 - D17
/RCAS --> /CAS : SDRAMs D0 - D17
RCKE0 --> CKE : SDRAMs D0 - D8
RCKE1 --> CKE : SDRAMs D9-D17
/RWE --> /WE : SDRAMs D0 - D17
/CS0
/CS1
BA0-BA1
A0-A12
/RAS
/CAS
CKE0
CKE1
/WE
R
E
G
PCK
/PCK
/RESET
CK0, /CK0 --------- PLL*
* Wire per clock loading table/wiring diagrams
.
.
VDDSPD
VREF
VSS
VDDID
D0 - D17
D0 - D17
D0 - D17
D0 - D17
=
.
=
.
. =
.
.
.
..
Strap:see Note 4
VDD
SPD
VDDQ
=
.
.
DQS0
/RCS0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
D0
/CS
DM
DM0
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D9
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
D1
/CS
DM
DM1
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D10
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
D2
/CS
DM
DM2
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D11
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
D3
/CS
DM
DM3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D12
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
D4
/CS
DM
DM4
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D13
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
D5
/CS
DM
DM5
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D14
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
D6
/CS
DM
DM6
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D15
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
D7
/CS
DM
DM7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D16
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS4
DQS5
DQS6
DQS7
DQS1
DQS2
DQS3
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
D8
/CS
DM
DM8
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS
/CS
DM
DQS
D17
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS8
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
Notes:
1. DQ-to-I/O wiring may be changed within a byte
2. DQ/DQS/DM/CKE/S relationships must be
maintained as shown.
3. DQ/DQS resistors should be 18 Ohms.
4. VDDID strap connections(for memory device VDD, VDDQ);
Strap out :(open) : VDD=VDDQ
Strap In (Vss) : VDD=VDDQ
5. /RS0 and /RS1 alternate btw the back and front sides of the DIMM
6. Address and control resistors should be 22 Ohms
SCL
Serial PD
A0
A1
A2
SA0
SA1
SA2
WP
SDA
/RCS0 -->/CS0 : SDRAMs D0-D8
/RCS1-->/CS1 : SDRAMs D9 - D17
RBA0-RBA1--> : BA0-BA1:SDRAMs D0-D17
RA0 -R A12 -->A0 - A12 : SDRAMs D0 - D17
/RRAS --> /RAS : SDRAMs D0 - D17
/RCAS --> /CAS : SDRAMs D0 - D17
RCKE0 --> CKE : SDRAMs D0 - D8
RCKE1 --> CKE : SDRAMs D9-D17
/RWE --> /WE : SDRAMs D0 - D17
/CS0
/CS1
BA0-BA1
A0-A12
/RAS
/CAS
CKE0
CKE1
/WE
R
E
G
PCK
/PCK
/RESET
CK0, /CK0 --------- PLL*
* Wire per clock loading table/wiring diagrams
.
.
VDDSPD
VREF
VSS
VDDID
D0 - D17
D0 - D17
D0 - D17
D0 - D17
=
.
=
.
. =
.
.
.
..
Strap:see Note 4
VDD
SPD
VDDQ
=
.
.


Similar Part No. - HYMD264G726AL8M-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264G726AL8-H HYNIX-HYMD264G726AL8-H Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726AL8-K HYNIX-HYMD264G726AL8-K Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726AL8-L HYNIX-HYMD264G726AL8-L Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726AL8-M HYNIX-HYMD264G726AL8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
More results

Similar Description - HYMD264G726AL8M-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726BL8M-M HYNIX-HYMD232G726BL8M-M Datasheet
154Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD525G726AS4M-M HYNIX-HYMD525G726AS4M-M Datasheet
304Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726BL8M-M HYNIX-HYMD264G726BL8M-M Datasheet
146Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726BL4M-M HYNIX-HYMD264G726BL4M-M Datasheet
160Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726BS4M-M HYNIX-HYMD212G726BS4M-M Datasheet
164Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD564G726A8M-M HYNIX-HYMD564G726A8M-M Datasheet
264Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B4M-M HYNIX-HYMD132G725B4M-M Datasheet
232Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725EL4M-M HYNIX-HYMD132G725EL4M-M Datasheet
166Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726AS4M-M HYNIX-HYMD212G726AS4M-M Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B8M-M HYNIX-HYMD132G725B8M-M Datasheet
258Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com