Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAN301A Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAN301A
Description  CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN301A Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAN301A Datasheet HTML 1Page - Pixart Imaging Inc. PAN301A Datasheet HTML 2Page - Pixart Imaging Inc. PAN301A Datasheet HTML 3Page - Pixart Imaging Inc. PAN301A Datasheet HTML 4Page - Pixart Imaging Inc. PAN301A Datasheet HTML 5Page - Pixart Imaging Inc. PAN301A Datasheet HTML 6Page - Pixart Imaging Inc. PAN301A Datasheet HTML 7Page - Pixart Imaging Inc. PAN301A Datasheet HTML 8Page - Pixart Imaging Inc. PAN301A Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PixArt Imaging Inc.
PAN301A
CMOS Optical Mouse Sensor
1. Pin Description
Pin No.
Name
Type
Definition
1
VSS_LED
GND
LED ground
2
LED
I/O
LED control
3
OSCOUT
OUT
Resonator output
4
OSCIN
IN
Resonator input
5
NC
-
No connection
6
VSS
GND
Chip ground
7
VSS
GND
Chip ground
8
VDD
PWR
Chip power, 5V power supply
9
VREFA
BYPASS
Analog voltage reference
10
VREFB
BYPASS
Analog voltage reference
11
YA
OUT
YA quadrature output
12
YB
OUT
YB quadrature output
13
XA
OUT
XA quadrature output
14
XB
OUT
XB quadrature output
15
NC
-
No connection
16
NC
-
No connection
17
NC
-
No connection
18
SCLK
IN
Serial interface clock
19
SDIO
I/O
Serial interface bi-direction data
20
PD
IN
Power down pin, active high
1
11
10
20
1
11
10
20
LB
RB
+ X
+ Y
Figure 1. Top view pinout
Figure 2. Top view of mouse
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.3, MAY. 2004


Similar Part No. - PAN301A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAN301A ETC2-PAN301A Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
PAN301ASI-204 ETC2-PAN301ASI-204 Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
PAN301ASI-208 ETC2-PAN301ASI-208 Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
More results

Similar Description - PAN301A

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN301BSI-208 PIXART-PAN301BSI-208 Datasheet
464Kb / 27P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
List of Unclassifed Man...
PAN301A ETC2-PAN301A Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3080 HP-ADNS-3080 Datasheet
512Kb / 40P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090_17 Datasheet
676Kb / 8P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3090 AVAGO-ADNS-3090 Datasheet
449Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3080 PIXART-ADNS-3080 Datasheet
637Kb / 38P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3080 AVAGO-ADNS-3080 Datasheet
841Kb / 39P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAW3101DB PIXART-PAW3101DB Datasheet
448Kb / 22P
   CMOS OPTICAL MOUSE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com