Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD216M726AL6-L Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HYMD216M726AL6-L
Description  Unbuffered DDR SO-DIMM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD216M726AL6-L Datasheet(HTML) 2 Page - Hynix Semiconductor

  HYMD216M726AL6-L Datasheet HTML 1Page - Hynix Semiconductor HYMD216M726AL6-L Datasheet HTML 2Page - Hynix Semiconductor HYMD216M726AL6-L Datasheet HTML 3Page - Hynix Semiconductor HYMD216M726AL6-L Datasheet HTML 4Page - Hynix Semiconductor HYMD216M726AL6-L Datasheet HTML 5Page - Hynix Semiconductor HYMD216M726AL6-L Datasheet HTML 6Page - Hynix Semiconductor HYMD216M726AL6-L Datasheet HTML 7Page - Hynix Semiconductor HYMD216M726AL6-L Datasheet HTML 8Page - Hynix Semiconductor HYMD216M726AL6-L Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
HYMD216M726A(L)6-J/M/K/H/L
Rev. 0.3/Oct. 02
2
PIN DESCRIPTION
PIN ASSIGNMENT
Pin
Pin Description
Pin
Pin Description
CK0, /CK0, CK1, /CK1
Differential Clock Inputs
VDDQ
DQs Power Supply
CS0
Chip Select Input
VSS
Ground
CKE0
Clock Enable Input
VREF
Reference Power Supply
/RAS, /CAS, /WE
Commend Sets Inputs
VDDSPD
Power Supply for SPD
A0 ~ A12
Address
SA0~SA2
E2PROM Address Inputs
BA0, BA1
Bank Address
SCL
E2PROM Clock
DQ0~DQ63
Data Inputs/Outputs
SDA
E2PROM Data I/O
DQS0~DQS8
Data Strobe Inputs/Outputs
VDDID
VDD Identification Flag
DM0~DM8
Data-in Mask
DU
Do not Use
VDD
Power Supply
NC
No Connection
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
1
VREF
2
VREF
51
VSS
52
VSS
101
A9
102
A8
151
DQ42
152
DQ46
3
VSS
4
VSS
53
DQ19
54
DQ23
103
VSS
104
VSS
153
DQ43
154
DQ47
5
DQ0
6
DQ4
55
DQ24
56
DQ28
105
A7
106
A6
155
VDD
156
VDD
7
DQ1
8
DQ5
57
VDD
58
VDD
107
A5
108
A4
157
VDD
158
/CK1
9
VDD
10
VDD
59
DQ25
60
DQ29
109
A3
110
A2
159
VSS
160
CK1
11
DQS0
12
DM0
61
DQS3
62
DM3
111
A1
112
A0
161
VSS
162
VSS
13
DQ2
14
DQ6
63
VSS
64
VSS
113
VDD
114
VDD
163
DQ48
164
DQ52
15
VSS
16
VSS
65
DQ26
66
DQ30
115
A10/AP
116
BA1
165
DQ49
166
DQ53
17
DQ3
18
DQ7
67
DQ27
68
DQ31
117
BA0
118
/RAS
167
VDD
168
VDD
19
DQ8
20
DQ12
69
VDD
70
VDD
119
/WE
120
/CAS
169
DQS6
170
DM6
21
VDD
22
VDD
71
CB0
72
CB4
121
/CS0
122
NC
171
DQ50
172
DQ54
23
DQ9
24
DQ13
73
CB1
74
CB5
123
DU
124
DU
173
VSS
174
VSS
25
DQS1
26
DM1
75
VSS
76
VSS
125
VSS
126
VSS
175
DQ51
176
DQ55
27
VSS
28
VSS
77
DQS8
78
DM8
127
DQ32
128
DQ36
177
DQ56
178
DQ60
29
DQ10
30
DQ14
79
CB2
80
CB6
129
DQ33
130
DQ37
179
VDD
180
VDD
31
DQ11
32
DQ15
81
VDD
82
VDD
131
VDD
132
VDD
181
DQ57
182
DQ61
33
VDD
34
VDD
83
CB3
84
CB7
133
DQS4
134
DM4
183
DQS7
184
DM7
35
CK0
36
VDD
85
DU
86
DU
135
DQ34
136
DQ38
185
VSS
186
VSS
37
/CK0
38
VSS
87
VSS
88
VSS
137
VSS
138
VSS
187
DQ58
188
DQ62
39
VSS
40
VSS
89
NC
90
VSS
139
DQ35
140
DQ39
189
DQ59
190
DQ63
41
DQ16
42
DQ20
91
NC
92
VDD
141
DQ40
142
DQ44
191
VDD
192
VDD
43
DQ17
44
DQ21
93
VDD
94
VDD
143
VDD
144
VDD
193
SDA
194
SA0
45
VDD
46
VDD
95
NC
96
CKE0
145
DQ41
146
DQ45
195
SCL
196
SA1
47
DQS2
48
DM2
97
NC
98
DU
147
DQS5
148
DM5
197
VDDSPD
198
SA2
49
DQ18
50
DQ22
99
A12
100
A11
149
VSS
150
VSS
199
VDDID
200
DU


Similar Part No. - HYMD216M726AL6-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD216M646C6-D4 HYNIX-HYMD216M646C6-D4 Datasheet
326Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-D43 HYNIX-HYMD216M646C6-D43 Datasheet
326Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-H HYNIX-HYMD216M646C6-H Datasheet
319Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-J HYNIX-HYMD216M646C6-J Datasheet
319Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-J HYNIX-HYMD216M646C6-J Datasheet
326Kb / 19P
   Unbuffered DDR SO-DIMM
More results

Similar Description - HYMD216M726AL6-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264M646BF8-J HYNIX-HYMD264M646BF8-J Datasheet
541Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD264M646BLF8-D43 HYNIX-HYMD264M646BLF8-D43 Datasheet
563Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD512M646AFS8-D43 HYNIX-HYMD512M646AFS8-D43 Datasheet
382Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD564M646A8-J HYNIX-HYMD564M646A8-J Datasheet
317Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216726A6-M HYNIX-HYMD216726A6-M Datasheet
243Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD216726C6-M HYNIX-HYMD216726C6-M Datasheet
268Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD564M646AL6-D43 HYNIX-HYMD564M646AL6-D43 Datasheet
332Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216M646CL6-J HYNIX-HYMD216M646CL6-J Datasheet
319Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD232M646CF6-J HYNIX-HYMD232M646CF6-J Datasheet
462Kb / 20P
   Unbuffered DDR SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com