Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF1502 Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # UF1502
Description  ULTRA FAST RECTIFIERS (DO-41)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

UF1502 Datasheet(HTML) 2 Page - Compact Technology Corp.

  UF1502 Datasheet HTML 1Page - Compact Technology Corp. UF1502 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
1.5
0
50
0.5
2.5
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
AMBIENT TEMPERATURE ,
2.0
1.0
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
10
20
30
40
Pulse width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
50
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
1.2
1.4
0
0.1
1.0
10
0.6
0.8
1.0
0.01
1.8
1.6
TJ = 25
PULSE WIDTH 300us
UF1501 -
UF1503
UF1505
-UF1507
UF1504
FIG.3 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
100
10
1.0
4
UF1505 to UF1507
UF1501 to UF1504
TJ = 25 C, f= 1MHz
UF1501 thru UF1507
Compact Technology
CTC0106 Ver. 2.0
2 of 2
UF1501 thru UF1507


Similar Part No. - UF1502

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF1502 DIODES-UF1502 Datasheet
62Kb / 2P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. A1-2
logo
Tak Cheong Electronics ...
UF1502 TAK_CHEONG-UF1502 Datasheet
104Kb / 2P
   1.5AMP. Ultrafast Rectifiers竊뉷PP竊
logo
Compact Technology Corp...
UF1502 CTC-UF1502 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS (DO-15)
UF1502 CTC-UF1502 Datasheet
56Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Diodes Incorporated
UF1502-B DIODES-UF1502-B Datasheet
369Kb / 3P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. 4 - 2
More results

Similar Description - UF1502

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
PR1501 CTC-PR1501 Datasheet
51Kb / 2P
   FAST RECOVERY RECTIFIERS (DO-41)
SB220 CTC-SB220 Datasheet
68Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS (DO-41)
UF1501 CTC-UF1501 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS (DO-15)
1N5391 CTC-1N5391_1 Datasheet
44Kb / 2P
   PLASTIC SILICON RECTIFIERS (DO-41)
logo
New Jersey Semi-Conduct...
1N4946 NJSEMI-1N4946 Datasheet
110Kb / 1P
   DO-41
1N4291 NJSEMI-1N4291 Datasheet
151Kb / 1P
   DO-41
1N5559 NJSEMI-1N5559 Datasheet
336Kb / 1P
   DO-41 Case
logo
WILLAS ELECTRONIC CORP
SR120 WILLAS-SR120 Datasheet
203Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS DO-41 PACKAGE
logo
New Jersey Semi-Conduct...
1N4460 NJSEMI-1N4460 Datasheet
133Kb / 1P
   DO-41 Package
logo
WILLAS ELECTRONIC CORP
SR220 WILLAS-SR220 Datasheet
278Kb / 2P
   2.0AMP SCHOTTKY BARRIER RECTIFIERS DO-41 PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com