Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD216M726AL6-M Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HYMD216M726AL6-M
Description  Unbuffered DDR SO-DIMM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD216M726AL6-M Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HYMD216M726AL6-M Datasheet HTML 4Page - Hynix Semiconductor HYMD216M726AL6-M Datasheet HTML 5Page - Hynix Semiconductor HYMD216M726AL6-M Datasheet HTML 6Page - Hynix Semiconductor HYMD216M726AL6-M Datasheet HTML 7Page - Hynix Semiconductor HYMD216M726AL6-M Datasheet HTML 8Page - Hynix Semiconductor HYMD216M726AL6-M Datasheet HTML 9Page - Hynix Semiconductor HYMD216M726AL6-M Datasheet HTML 10Page - Hynix Semiconductor HYMD216M726AL6-M Datasheet HTML 11Page - Hynix Semiconductor HYMD216M726AL6-M Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
HYMD216M726A(L)6-J/M/K/H/L
Rev. 0.3/Oct. 02
8
DC CHARACTERISTICS II (TA=0 to 70oC, Voltage referenced to VSS = 0V)
Parameter
Symbol
Test Condition
Speed
Unit Note
-J
-M
-K
-H
-L
Operating Current
IDD0
One bank; Active - Precharge; tRC=tRC(min);
tCK=tCK(min); DQ,DM and DQS inputs
changing twice per clock cycle; address and
control inputs changing once per clock cycle
525
525
475
475
450
mA
Operating Current
IDD1
One bank; Active - Read - Precharge; Burst
Length=2; tRC=tRC(min); tCK=tCK(min);
address and control inputs changing once per
clock cycle
750
750
650
650
600
mA
Precharge Power
Down Standby Current
IDD2P
All banks idle; Power down mode; CKE=Low,
tCK=tCK(min)
100
mA
Idle Standby Current
IDD2F
/CS=High, All banks idle; tCK=tCK(min);
CKE= High; address and control inputs
changing once per clock cycle. VIN=VREF for
DQ, DQS and DM
250
250
200
200
175
mA
Active Power Down
Standby Current
IDD3P
One bank active; Power down mode;
CKE=Low, tCK=tCK(min)
125
mA
Idle Quiet Standby
Current
IDD2Q
/CS>=Vih(min); All banks idle;
CKE>=Vih(min); Addresses and other control
inputs stable, Vin=Vref for DQ, DQS and DM
TBD
mA
Active Standby
Current
IDD3N
/CS=HIGH; CKE=HIGH; One bank; Active-
Precharge; tRC=tRAS(max); tCK=tCK(min);
DQ, DM and DQS inputs changing twice per
clock cycle; Address and other control inputs
changing once per clock cycle
300
300
250
250
250
mA
Operating Current
IDD4R
Burst=2; Reads; Continuous burst; One bank
active; Address and control inputs changing
once per clock cycle; tCK=tCK(min);
IOUT=0mA
1450
1450
1250
1250
950
mA
Operating Current
IDD4W
Burst=2; Writes; Continuous burst; One bank
active; Address and control inputs changing
once per clock cycle; tCK=tCK(min); DQ, DM
and DQS inputs changing twice per clock
cycle
1450
1450
1250
1250
950
Auto Refresh Current
IDD5
tRC=tRFC(min) - 8*tCK for DDR200 at
100Mhz, 10*tCK for DDR266A & DDR266B at
133Mhz; distributed refresh
1150
1150
1050
1050
975
Self Refresh Current
IDD6
CKE=<0.2V; External clock on;
tCK =tCK(min)
Normal
15
mA
Low Power
7.5
mA
Operating Current -
Four Bank Operation
IDD7
Four bank interleaving with BL=4 Refer to the
following page for detailed test condition
1675
1675
1625
1625
1450
mA
Random Read Current
IDD7A
4banks active read with activate every 20ns,
AP(Auto Precharge) read every 20ns, BL=4,
tRCD=3, IOUT=0 mA, 100% DQ, DM and
DQS inputs changing twice per clock cycle;
100% addresses changing once per clock
cycle
TBD
mA


Similar Part No. - HYMD216M726AL6-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD216M646C6-D4 HYNIX-HYMD216M646C6-D4 Datasheet
326Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-D43 HYNIX-HYMD216M646C6-D43 Datasheet
326Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-H HYNIX-HYMD216M646C6-H Datasheet
319Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-J HYNIX-HYMD216M646C6-J Datasheet
319Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-J HYNIX-HYMD216M646C6-J Datasheet
326Kb / 19P
   Unbuffered DDR SO-DIMM
More results

Similar Description - HYMD216M726AL6-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264M646BF8-J HYNIX-HYMD264M646BF8-J Datasheet
541Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD264M646BLF8-D43 HYNIX-HYMD264M646BLF8-D43 Datasheet
563Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD512M646AFS8-D43 HYNIX-HYMD512M646AFS8-D43 Datasheet
382Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD564M646A8-J HYNIX-HYMD564M646A8-J Datasheet
317Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216726A6-M HYNIX-HYMD216726A6-M Datasheet
243Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD216726C6-M HYNIX-HYMD216726C6-M Datasheet
268Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD564M646AL6-D43 HYNIX-HYMD564M646AL6-D43 Datasheet
332Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216M646CL6-J HYNIX-HYMD216M646CL6-J Datasheet
319Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD232M646CF6-J HYNIX-HYMD232M646CF6-J Datasheet
462Kb / 20P
   Unbuffered DDR SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com