Electronic Components Datasheet Search |
|
D3V-11G2MK-1C24A-TKH Datasheet(PDF) 8 Page - Omron Electronics LLC |
|
D3V-11G2MK-1C24A-TKH Datasheet(HTML) 8 Page - Omron Electronics LLC |
8 / 18 page 80 Miniature Basic Switch D3V Dimensions ■ Terminals Note: Unless otherwise specified, all units are in millimeters and a tolerance of ±0.4 mm applies to all dimensions Note: The table above is for the SPDT contact specifications. Two terminals will be available for SPST-NO or SPST-NC contact specifications. For terminal positions, refer to the above Contact Form. ■ Mounting Holes All switches may be panel mounted using M3 mounting screws with plane washers or spring washers to securely mount the switch. Tighten the screws to a torque of 0.39 to 0.59 N·m. ■ Dimensions and Operating Characteristics Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of ±0.4 mm applies to all dimensions 2. The following illustrations and drawings are for quick-connect terminals (#187) (terminals C2). D3V models also incorporate terminals A, C, and C6, which are omitted from the following drawings. Refer to Terminals section for the dimensions of these terminals. 3. The @ in the model number is for the terminal code. 4. The Δ in the model number is for combinations of the enclosure material, the mounting hole size and the special code as indicated in the Model Number Legend and Available Combinations tables. The hole size in the following illustrations of models with a suffix “K” in the Δ is 2.9 mm. 5. The operating characteristics are for operation in the A direction ( ). Plunger Models Terminal type Solder Terminal (A) Quick-connect Terminal (#187) (C2) Quick-connect Terminal (#250) (C) Quick-connect RAST5 Terminals (#250)(C6) COM Terminal dimensions t = 0.5 Three, solder terminals (10) 2.9 (6.5) (5.5) t = 0.5 Three, quick-connect terminals (#187) (10) 2.9 (6.5) (5.5) t = 0.8 Three, quick-connect terminals (#250) (12.0) 3.2 (7.7) (4.9) 12.8 t=0.8 Three quick connect terminals (#250) 16.8 (3.5) 5 15.2 1.6 dia. 2.4 dia. 4.75 ±0.1 6.35 3.2 (see note) Note: Indicates the length to the center of the 1.6-dia. holes 1.6-dia. terminal hole 4.75 ±0.1 3.2 6.35 1.65-dia. terminal hole 6.35 ±0.1 3.95 8 1.75-dia. terminal hole 4.5 6.3 ±0.1 Two, 3.1-dia. mounting holes or M3 screw holes 10.3 ±0.1 22.2 ±0.1 Model D3V-21G-1 @4A-Δ D3V-16-1 @5-Δ D3V-11-1 @5-Δ D3V-11-1 @4-Δ D3V-6-1 @4-Δ D3V-6G-1 @3-Δ D3V-01-1 @3-Δ D3V-01-1 @2-Δ OF max. RF min. 125 gf 20 gf 200 gf 50 gf 100 gf 15 gf 50 gf 5 gf 50 gf 5 gf 25 gf 3 gf PT max. OT min. MD max. 1.2 mm 1.0 mm 0.3 mm 1.2 mm 1.0 mm 0.4 mm (F gap type) or 0.3 mm (G gap type) 1.2 mm 1.0 mm 0.4 mm OP 14.7 ±0.4 mm D3V-21G-1 @4A-Δ D3V-16-1 @5-Δ D3V-11-1 @5-Δ D3V-11-1 @4-Δ D3V-6-1 @4-Δ D3V-6G-1 @3-Δ D3V-01-1 @2-Δ D3V-01-1 @3-Δ A t=0.5 Three, quick-connect terminals (#187) |
Similar Part No. - D3V-11G2MK-1C24A-TKH |
|
Similar Description - D3V-11G2MK-1C24A-TKH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |