Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD116M725BL8-J Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HYMD116M725BL8-J
Description  Unbuffered DDR SDRAM SO-DIMM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD116M725BL8-J Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HYMD116M725BL8-J Datasheet HTML 7Page - Hynix Semiconductor HYMD116M725BL8-J Datasheet HTML 8Page - Hynix Semiconductor HYMD116M725BL8-J Datasheet HTML 9Page - Hynix Semiconductor HYMD116M725BL8-J Datasheet HTML 10Page - Hynix Semiconductor HYMD116M725BL8-J Datasheet HTML 11Page - Hynix Semiconductor HYMD116M725BL8-J Datasheet HTML 12Page - Hynix Semiconductor HYMD116M725BL8-J Datasheet HTML 13Page - Hynix Semiconductor HYMD116M725BL8-J Datasheet HTML 14Page - Hynix Semiconductor HYMD116M725BL8-J Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Rev. 0.2/Aug. 02
11
HYMD116M725B(L)8-J/M/K/H/L
AC CHARACTERISTICS I (AC operating conditions unless otherwise noted)
<DDR266A/B, DDR200>
Parameter
Symbol
DDR266A
DDR266B
DDR200
Unit
Note
Min
Max
Min
Max
Min
Max
Row Cycle Time
tRC
65
-
65
-
70
-
ns
Auto Refresh Row Cycle Time
tRFC
75
-
75
-
80
-
ns
Row Active Time
tRAS
45
120K
45
120K
50
120k
ns
Active to Read with Auto Precharge Delay
tRAP
20
-
20
-
20
-
ns
16
Row Address to Column Address Delay
tRCD
20
-
20
-
20
-
ns
Row Active to Row Active Delay
tRRD
15
-
15
-
15
-
ns
Column Address to Column Address Delay
tCCD
1-
1
-
1
-
CK
Row Precharge Time
tRP
20
-
20
-
20
-
ns
Write Recovery Time
tWR
15
-
15
-
15
-
ns
Write to Read Command Delay
tWTR
1-
1
-
1
-
CK
Auto Precharge Write Recovery + Precharge
Time
tDAL
(tWR/tCK)
+
(tRP/tCK)
-
(tWR/tCK)
+
(tRP/tCK)
-
(tWR/tCK)
+
(tRP/tCK)
-CK
15
System Clock Cycle Time
CL = 2.5
tCK
7.5127.5
12
8.0
12
ns
CL = 2
7.5
12
10
12
10
12
ns
Clock High Level Width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
CK
Clock Low Level Width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
CK
Data-Out edge to Clock edge Skew
tAC
-0.75
0.75
-0.75
0.75
-0.8
0.8
ns
DQS-Out edge to Clock edge Skew
tDQSCK
-0.75
0.75
-0.75
0.75
-0.8
0.8
ns
DQS-Out edge to Data-Out edge Skew
tDQSQ
-
0.5
-
0.5
-
0.6
ns
Data-Out hold time from DQS
tQH
tHP
-tQHS
-
tHP
-tQHS
-
tHP
-tQHS
-ns
1, 10
Clock Half Period
tHP
min
(tCL,tCH)
-
min
(tCL,tCH)
-
min
(tCL,tCH)
-ns
1,9
Data Hold Skew Factor
tQHS
-
0.75
-
0.75
-
0.75
ns
10
Valid Data Output Window
tDV
tQH-tDQSQ
tQH-tDQSQ
tQH-tDQSQ
ns
Data-out high-impedance window from CK, /CK
tHZ
-0.75
0.75
-0.75
0.75
-0.8
0.8
ns
17
Data-out low-impedance window from CK, /CK
tLZ
-0.75
0.75
-0.75
0.75
-0.8
0.8
ns
17
Input Setup Time (fast slew rate)
tIS
0.9
-
0.9
-
1.1
-
ns
2,3,5,6
Input Hold Time (fast slew rate)
tIH
0.9
-
0.9
-
1.1
-
ns
2,3,5,6
Input Setup Time (slow slew rate)
tIS
1.0
-
1.0
-
1.1
-
ns
2,4,5,6
Input Hold Time (slow slew rate)
tIH
1.0
-
1.0
-
1.1
-
ns
2,4,5,6
Input Pulse Width
tIPW
2.2
2.2
2.5
-
ns
6
Write DQS High Level Width
tDQSH
0.35
-
0.35
-
0.35
-
CK


Similar Part No. - HYMD116M725BL8-J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD116645B8-H HYNIX-HYMD116645B8-H Datasheet
251Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD116645B8-K HYNIX-HYMD116645B8-K Datasheet
251Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD116645B8-L HYNIX-HYMD116645B8-L Datasheet
251Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD116645B8-M HYNIX-HYMD116645B8-M Datasheet
251Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD116645B8J-J HYNIX-HYMD116645B8J-J Datasheet
233Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results

Similar Description - HYMD116M725BL8-J

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
WV3EG6437S-D4 WEDC-WV3EG6437S-D4 Datasheet
304Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264M646BF8-J HYNIX-HYMD264M646BF8-J Datasheet
541Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD264M646BLF8-D43 HYNIX-HYMD264M646BLF8-D43 Datasheet
563Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD512M646AFS8-D43 HYNIX-HYMD512M646AFS8-D43 Datasheet
382Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD564M646A8-J HYNIX-HYMD564M646A8-J Datasheet
317Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216726A6-M HYNIX-HYMD216726A6-M Datasheet
243Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD216726C6-M HYNIX-HYMD216726C6-M Datasheet
268Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD564M646AL6-D43 HYNIX-HYMD564M646AL6-D43 Datasheet
332Kb / 17P
   Unbuffered DDR SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com