Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD216M646D6-J Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HYMD216M646D6-J
Description  200pin Unbuffered DDR SDRAM SO-DIMMs based on 256Mb D ver. (TSOP)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD216M646D6-J Datasheet(HTML) 4 Page - Hynix Semiconductor

  HYMD216M646D6-J Datasheet HTML 1Page - Hynix Semiconductor HYMD216M646D6-J Datasheet HTML 2Page - Hynix Semiconductor HYMD216M646D6-J Datasheet HTML 3Page - Hynix Semiconductor HYMD216M646D6-J Datasheet HTML 4Page - Hynix Semiconductor HYMD216M646D6-J Datasheet HTML 5Page - Hynix Semiconductor HYMD216M646D6-J Datasheet HTML 6Page - Hynix Semiconductor HYMD216M646D6-J Datasheet HTML 7Page - Hynix Semiconductor HYMD216M646D6-J Datasheet HTML 8Page - Hynix Semiconductor HYMD216M646D6-J Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Rev. 1.1 / May. 2005
4
11
200pin Unbuffered DDR SDRAM SO-DIMMs
128MB, 16M x 64 Unbuffered SO-DIMM: HYMD216M646D[L][P]6
FUNCTIONAL BLOCK DIAGRAM
DQ00
DQ01
DQ02
DQ03
DQ04
DQ05
DQ06
DQ07
/CS
D0
/CS
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
WP
SCL
SDA
A0
A1
A2
SA0
SA1
SA2
Serial Presence Detector
(SPD)
BA0-BA1
A0-AN
/RAS
/CAS
CKE0
CKE1
SDRAMs D0-D3
SDRAMs D0-D3
SDRAMs D0-D3
SDRAMs D0-D3
SDRAMs D0-D3
N.C.
Notes :
DQ wiring may differ from that described in this
drawing : however DQ/DM/DQS relationship are
maintained as shown.
VDDID strap connections:
(for memory device VDD, VDDQ)
Strap out (open) : VDD = VDDQ
Strap in (closed) : VDD ≠ VDDQ
Strap:see Note 4
VDD SPD
VDD
VREF
VSS
VDDID
SPD
SDRAMS DO-D7
DM0
LDM
DQS0
LDQS
DQ08
DQ09
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DM1
UDM
DQS1
UDQS
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
/S
D1
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DM2
LDM
DQS2
LDQS
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DM3
UDM
DQS3
UDQS
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
/CS
D2
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DM4
LDM
DQS4
LDQS
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DM5
UDM
DQS5
UDQS
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
/S
D3
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DM6
LDM
DQS6
LDQS
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DM7
UDM
DQS7
UDQS
# Unless otherwise noted, resistor values are 22O +- 5%
/WE
SDRAMs D0-D3
SDRAMS DO-D7
VDD and VDDQ
SDRAMS DO-D7,SPD
CK0
2 loads
/CK0
CK1
/CK1
CK2
/CK2
2 loads
0 loads


Similar Part No. - HYMD216M646D6-J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD216M646C6-D4 HYNIX-HYMD216M646C6-D4 Datasheet
326Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-D43 HYNIX-HYMD216M646C6-D43 Datasheet
326Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-H HYNIX-HYMD216M646C6-H Datasheet
319Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-J HYNIX-HYMD216M646C6-J Datasheet
319Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-J HYNIX-HYMD216M646C6-J Datasheet
326Kb / 19P
   Unbuffered DDR SO-DIMM
More results

Similar Description - HYMD216M646D6-J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD564M646BL6-D43 HYNIX-HYMD564M646BL6-D43 Datasheet
178Kb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (TSOP)
HYMD532M646CLP6-D43 HYNIX-HYMD532M646CLP6-D43 Datasheet
217Kb / 20P
   200pin DDR SDRAM SO-DIMMs based on 512Mb C ver. (TSOP)
HYMD512M646BF8-D43 HYNIX-HYMD512M646BF8-D43 Datasheet
1Mb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (FBGA)
HYMD512M646DLFP8-D43 HYNIX-HYMD512M646DLFP8-D43 Datasheet
343Kb / 17P
   200pin DDR SDRAM SO-DIMMs based on 512Mb D ver. (FBGA)
HYMD512M646CLFP8-D43 HYNIX-HYMD512M646CLFP8-D43 Datasheet
461Kb / 17P
   200pin DDR SDRAM SO-DIMMs based on 512Mb C ver. (FBGA)
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP164S6EFR6C-C4 HYNIX-HMP164S6EFR6C-C4 Datasheet
521Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs
HYMD525G726BS4-K HYNIX-HYMD525G726BS4-K Datasheet
222Kb / 18P
   184pin Registered DDR SDRAM DIMMs based on 512Mb B ver. (TSOP)
HMP351S6AFR8C-Y5 HYNIX-HMP351S6AFR8C-Y5 Datasheet
294Kb / 17P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 2Gb version A
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com