Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2F-01FL-D Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # D2F-01FL-D
Description  Snap Action Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2F-01FL-D Datasheet(HTML) 5 Page - Omron Electronics LLC

  D2F-01FL-D Datasheet HTML 1Page - Omron Electronics LLC D2F-01FL-D Datasheet HTML 2Page - Omron Electronics LLC D2F-01FL-D Datasheet HTML 3Page - Omron Electronics LLC D2F-01FL-D Datasheet HTML 4Page - Omron Electronics LLC D2F-01FL-D Datasheet HTML 5Page - Omron Electronics LLC D2F-01FL-D Datasheet HTML 6Page - Omron Electronics LLC D2F-01FL-D Datasheet HTML 7Page - Omron Electronics LLC D2F-01FL-D Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Snap Action Switch
D2F
35
■ Dimensions and Operating Characteristics
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. Omitted dimensions are the same as pin plunger type.
3. The following illustrations and dimensions are for models with PCB terminals. Refer to “Terminals” for models with self-supporting, solder
and right / left angle terminal specifics.
4. The operating characteristics are for operation in the A direction(
)
Pin Plunger Models
D2F-
D2F-01-
D2F-F-
D2F-01F-
2.2
+0.12
0
dia.
2
+0.12
0
dia. holes
12.7
1.2
5.2
5OP
1.5
3.5
0.9
0.4
5.8
±0.15
12.8
±0.15
5.08
5.08
6.5
±0.1
3.15
5.7
2.9
2
+0.12
0
PT
A
Characteristics
D2F-
@
D2F-01-
@
D2F-F-
@
D2F-01F-
@
OF max.
150 g
75 g
RF min.
20 g
5 g
PT max.
0.5 mm
0.5 mm
OT min.
0.25 mm
0.25 mm
MD max.
0.12 mm
0.12 mm
OP
5.5
± 0.3 mm
5.5
± 0.3 mm
FP max.
——
Hinge Lever Models
D2F-L-
D2F-01L-
D2F-FL-
D2F-01FL-
t = 0.3 (see note)
12.8
(10.8)
OP
FP
3
Note:
Stainless-steel lever
A
Characteristics
D2F-L-
@
D2F-01L-
@
D2F-FL-
@
D2F-01FL-
@
OF max.
80 g
25 g
RF min.
5 g
2 g
PT max.
——
OT min.
0.55 mm
0.55 mm
MD max.
0.5 mm
0.5 mm
OP
6.8
± 1.5 mm
6.8
± 1.5 mm
FP max.
10 mm
10 mm
Simulated Roller Lever Models
D2F-L3-
D2F-01L3-
D2F-FL3-
D2F-01FL3-
t = 0.3 (see note)
1.3R
12.7
(7.5)
10
2.1
OP
FP
3
Note:
Stainless-steel lever
A
Characteristics
D2F-L3-
@
D2F-01L3-
@
D2F-FL3-
@
D2F-01FL3-
@
OF max.
80 g
40 g
RF min.
5 g
2 g
PT max.
——
OT min.
0.5 mm
0.5 mm
MD max.
0.45 mm
0.45 mm
OP
8.5
± 1.2 mm
8.5
± 1.2 mm
FP max.
13 mm
13 mm
Hinge Roller Lever Models
D2F-L2-
D2F-01L2-
D2F-FL2-
D2F-01FL2-
Note:
Stainless-steel lever
4.8 dia.
× 2.8 (Resin roller)
t = 0.3
(see
note)
(4.6)
OP FP
4
12.8
(10)
4
A
Characteristics
D2F-L2-
@
D2F-01L2-
@
D2F-FL2-
@
D2F-01FL2-
@
OF max.
80 g
40 g
RF min.
5 g
2 g
PT max.
——
OT min.
0.55 mm
0.55 mm
MD max.
0.5 mm
0.5 mm
OP
13
± 2.0 mm
13
± 2.0 mm
FP max.
16.5 mm
16.5 mm


Similar Part No. - D2F-01FL-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2F-01FL-D OMRON-D2F-01FL-D Datasheet
744Kb / 6P
   Incorporating a snapping mechanism made with two highly precise split springs that ensures long durability
D2F-01FL-D OMRON-D2F-01FL-D Datasheet
852Kb / 6P
   Ultra Subminiature Basic Switch with plenty of terminal variations
D2F-01FL-D3 OMRON-D2F-01FL-D3 Datasheet
744Kb / 6P
   Incorporating a snapping mechanism made with two highly precise split springs that ensures long durability
D2F-01FL-D3 OMRON-D2F-01FL-D3 Datasheet
852Kb / 6P
   Ultra Subminiature Basic Switch with plenty of terminal variations
More results

Similar Description - D2F-01FL-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com