Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3W-9002-R1N Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3W-9002-R1N
Description  Illuminated Tactile Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3W-9002-R1N Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3W-9002-R1N Datasheet HTML 1Page - Omron Electronics LLC B3W-9002-R1N Datasheet HTML 2Page - Omron Electronics LLC B3W-9002-R1N Datasheet HTML 3Page - Omron Electronics LLC B3W-9002-R1N Datasheet HTML 4Page - Omron Electronics LLC B3W-9002-R1N Datasheet HTML 5Page - Omron Electronics LLC B3W-9002-R1N Datasheet HTML 6Page - Omron Electronics LLC B3W-9002-R1N Datasheet HTML 7Page - Omron Electronics LLC B3W-9002-R1N Datasheet HTML 8Page - Omron Electronics LLC B3W-9002-R1N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
258
Illuminated Tactile Switches
B3W-9
Ordering Information
■ 10 x 10 mm Switches
Standard force
High-force
Force
LED
Colour
No. of
LEDs
Cap color
Model
Standard
force
(OF = 160 gf)
Blue
1
Blue
B3W-9000-B1B
Transparent B3W-9000-B1C
Milky white
B3W-9000-B1N
2
Blue
B3W-9000-B2B
Transparent B3W-9000-B2C
Milky white
B3W-9000-B2N
Green
1
Green
B3W-9000-G1G
Transparent B3W-9000-G1C
Milky white
B3W-9000-G1N
2
Green
B3W-9000-G2G
Transparent B3W-9000-G2C
Milky white
B3W-9000-G2N
Green
(High
brightness)
1
Green
B3W-9000-HG1G
Transparent B3W-9000-HG1C
Milky white
B3W-9000-HG1N
2
Green
B3W-9000-HG2G
Transparent B3W-9000-HG2C
Milky white
B3W-9000-HG2N
Red
1
Red
B3W-9000-R1R
Transparent B3W-9000-R1C
Milky white
B3W-9000-R1N
2
Red
B3W-9000-R2R
Transparent B3W-9000-R2C
Milky white
B3W-9000-R2N
Yellow
1
Yellow
B3W-9000-Y1Y
Transparent B3W-9000-Y1C
Milky white
B3W-9000-Y1N
2
Yellow
B3W-9000-Y2Y
Transparent B3W-9000-Y2C
Milky white
B3W-9000-Y2N
Red + Blue 2
Transparent B3W-9000-RB2C
Red+
Green
2
Transparent B3W-9000-RG2C
Milky white
B3W-9000-RG2N
Red+High
Brightness
Green
2
Transparent B3W-9000-RHG2C
Force
LED
Colour
No. of
LEDs
Cap color
Model
High-force
(OF = 230 gf)
Blue
1
Blue
B3W-9002-B1B
Transparent B3W-9002-B1C
Milky white
B3W-9002-B1N
2
Blue
B3W-9002-B2B
Transparent B3W-9002-B2C
Milky white
B3W-9002-B2N
Green
1
Green
B3W-9002-G1G
Transparent B3W-9002-G1C
Milky white
B3W-9002-G1N
2
Green
B3W-9002-G2G
Transparent B3W-9002-G2C
Milky white
B3W-9002-G2N
Green
(High
brightness)
1
Green
B3W-9002-HG1G
Transparent B3W-9002-HG1C
Milky white
B3W-9002-HG1N
2
Green
B3W-9002-HG2G
Transparent B3W-9002-HG2C
Milky white
B3W-9002-HG2N
Red
1
Red
B3W-9002-R1R
Transparent B3W-9002-R1C
Milky white
B3W-9002-R1N
2
Red
B3W-9002-R2R
Transparent B3W-9002-R2C
Milky white
B3W-9002-R2N
Yellow
1
Yellow
B3W-9002-Y1Y
Transparent B3W-9002-Y1C
Milky white
B3W-9002-Y1N
2
Yellow
B3W-9002-Y2Y
Transparent B3W-9002-Y2C
Milky white
B3W-9002-Y2N
Red + Blue 2
Transparent B3W-9002-RB2C
Red +
Green
2
Transparent B3W-9002-RG2C
Milky white
B3W-9002-RG2N
Red+High
Brightness
Green
2
Transparent B3W-9000-RHG2C


Similar Part No. - B3W-9002-R1N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3W-1000 OMRON-B3W-1000 Datasheet
520Kb / 8P
   Mechanical Keyswitch
B3W-1000 OMRON-B3W-1000 Datasheet
800Kb / 6P
   Tactile Switch
B3W-1000 OMRON-B3W-1000 Datasheet
457Kb / 6P
   Sealed Tactile Switch
B3W-1000S OMRON-B3W-1000S Datasheet
520Kb / 8P
   Mechanical Keyswitch
B3W-1000S OMRON-B3W-1000S Datasheet
457Kb / 6P
   Sealed Tactile Switch
More results

Similar Description - B3W-9002-R1N

ManufacturerPart #DatasheetDescription
logo
GREATECS
JL15SKSCCP2 GREATECS-JL15SKSCCP2 Datasheet
1Mb / 6P
   Ultra-Thin Illuminated Tactile Switches
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
   Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
   Tactile Switches
logo
List of Unclassifed Man...
101-TS7311T1601-EV ETC2-101-TS7311T1601-EV Datasheet
147Kb / 1P
   Tactile Switches
logo
Copal Electronics
TME COPAL-TME Datasheet
177Kb / 2P
   Tactile Switches
logo
List of Unclassifed Man...
101-TS7311T1604BC-EV ETC2-101-TS7311T1604BC-EV Datasheet
149Kb / 1P
   Tactile Switches
MS-100637 ETC2-MS-100637 Datasheet
158Kb / 1P
   Tactile Switches (SMT)
logo
CamdenBoss Ltd.
CST06S0AT CAMDENBOSS-CST06S0AT Datasheet
443Kb / 1P
   6x6mm tactile switches
logo
C&K Components
KT11B1SM CK-COMPONENTS-KT11B1SM Datasheet
430Kb / 3P
   Sealed Tactile Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com