Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD216M646DL6-K Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HYMD216M646DL6-K
Description  200pin Unbuffered DDR SDRAM SO-DIMMs based on 256Mb D ver. (TSOP)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD216M646DL6-K Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HYMD216M646DL6-K Datasheet HTML 6Page - Hynix Semiconductor HYMD216M646DL6-K Datasheet HTML 7Page - Hynix Semiconductor HYMD216M646DL6-K Datasheet HTML 8Page - Hynix Semiconductor HYMD216M646DL6-K Datasheet HTML 9Page - Hynix Semiconductor HYMD216M646DL6-K Datasheet HTML 10Page - Hynix Semiconductor HYMD216M646DL6-K Datasheet HTML 11Page - Hynix Semiconductor HYMD216M646DL6-K Datasheet HTML 12Page - Hynix Semiconductor HYMD216M646DL6-K Datasheet HTML 13Page - Hynix Semiconductor HYMD216M646DL6-K Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Rev.
1.1
/
May.
2005
10
11
200pin Unbuffered DDR SDRAM SO-DIMMs
IDD SPECIFICATION AND CONDITIONS (TA=0 to 70oC, Voltage referenced to VSS = 0V)
256MB, 32M x 64 Unbuffered SO-DIMM: HYMD232M646D[L][P]6
* Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Symbol
Test Condition
Speed
Unit
Note
DDR400B DDR333 DDR266A DDR266B
IDD0
One bank; Active - Precharge; tRC=tRC(min);
tCK=tCK(min); DQ,DM and DQS inputs changing
twice per clock cycle; address and control inputs
changing once per clock cycle
600
520
440
440
mA
IDD1
One bank; Active - Read - Precharge; Burst
Length=2; tRC=tRC(min); tCK=tCK(min); address
and control inputs changing once per clock cycle
640
600
520
520
mA
IDD2P
All banks idle; Power down mode; CKE=Low,
tCK=tCK(min)
80
80
80
80
mA
IDD2F
/CS=High, All banks idle; tCK=tCK(min); CKE=
High; address and control inputs changing once
per clock cycle. VIN=VREF for DQ, DQS and DM
480
400
320
320
mA
IDD3P
One bank active; Power down mode; CKE=Low,
tCK=tCK(min)
120
120
120
120
mA
IDD3N
/CS=HIGH; CKE=HIGH; One bank; Active-Pre-
charge; tRC=tRAS(max); tCK=tCK(min); DQ, DM
and DQS inputs changing twice per clock cycle;
Address and other control inputs changing once
per clock cycle
440
380
320
320
mA
IDD4R
Burst=2; Reads; Continuous burst; One bank
active; Address and control inputs changing once
per clock cycle; tCK=tCK(min); IOUT=0mA
1040
960
840
840
mA
IDD4W
Burst=2; Writes; Continuous burst; One bank
active; Address and control inputs changing once
per clock cycle; tCK=tCK(min); DQ, DM and DQS
inputs changing twice per clock cycle
1040
960
840
840
mA
IDD5
tRC=tRFC(min) - 8*tCK for DDR200 at 100Mhz,
10*tCK for DDR266A & DDR266B at 133Mhz; dis-
tributed refresh
840
800
720
720
mA
IDD6
CKE=<0.2V; External clock on; tCK
=tCK(min)
Normal
24
24
24
24
mA
Low Power
12
12
12
12
mA
IDD7
Four bank interleaving with BL=4 Refer to the fol-
lowing page for detailed test condition
1240
116010401040
mA


Similar Part No. - HYMD216M646DL6-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD216M646C6-D4 HYNIX-HYMD216M646C6-D4 Datasheet
326Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-D43 HYNIX-HYMD216M646C6-D43 Datasheet
326Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-H HYNIX-HYMD216M646C6-H Datasheet
319Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-J HYNIX-HYMD216M646C6-J Datasheet
319Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-J HYNIX-HYMD216M646C6-J Datasheet
326Kb / 19P
   Unbuffered DDR SO-DIMM
More results

Similar Description - HYMD216M646DL6-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD564M646BL6-D43 HYNIX-HYMD564M646BL6-D43 Datasheet
178Kb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (TSOP)
HYMD532M646CLP6-D43 HYNIX-HYMD532M646CLP6-D43 Datasheet
217Kb / 20P
   200pin DDR SDRAM SO-DIMMs based on 512Mb C ver. (TSOP)
HYMD512M646BF8-D43 HYNIX-HYMD512M646BF8-D43 Datasheet
1Mb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (FBGA)
HYMD512M646DLFP8-D43 HYNIX-HYMD512M646DLFP8-D43 Datasheet
343Kb / 17P
   200pin DDR SDRAM SO-DIMMs based on 512Mb D ver. (FBGA)
HYMD512M646CLFP8-D43 HYNIX-HYMD512M646CLFP8-D43 Datasheet
461Kb / 17P
   200pin DDR SDRAM SO-DIMMs based on 512Mb C ver. (FBGA)
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP164S6EFR6C-C4 HYNIX-HMP164S6EFR6C-C4 Datasheet
521Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs
HYMD525G726BS4-K HYNIX-HYMD525G726BS4-K Datasheet
222Kb / 18P
   184pin Registered DDR SDRAM DIMMs based on 512Mb B ver. (TSOP)
HMP351S6AFR8C-Y5 HYNIX-HMP351S6AFR8C-Y5 Datasheet
294Kb / 17P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 2Gb version A
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com