Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3SK-B0L Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D3SK-B0L
Description  Surface Mount Detection Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3SK-B0L Datasheet(HTML) 2 Page - Omron Electronics LLC

  D3SK-B0L Datasheet HTML 1Page - Omron Electronics LLC D3SK-B0L Datasheet HTML 2Page - Omron Electronics LLC D3SK-B0L Datasheet HTML 3Page - Omron Electronics LLC D3SK-B0L Datasheet HTML 4Page - Omron Electronics LLC D3SK-B0L Datasheet HTML 5Page - Omron Electronics LLC D3SK-B0L Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
70
Surface Mount Detection Switch
D3SK
Specifications
■ Characteristics
Note: 1. The data given above are initial values.
2. The values apply at the total travel position. Contact opening or closing time is within 1ms.
3. The electrical rating applies under the following test conditions:
Ambient Temperature = 20
±2°C, Ambient Humidity = 65±5%, Operating frequency = 30 operations/minute
■ Contact Specifications
Engineering Data
■ Contact form
SPST-NO
SPST-NC
Note: The cover connects with COM terminal inside.
■ Packaging Specifications
Electrical Rating (see note 3)
1 mA at 5 VDC (resistive)
Operating speed
1 mm to 300 mm/s
Operating frequency
Mechanical: 20 operations/minute max.
Electrical: 20 operations/minute max.
Insulation resistance
100 M
Ω min. (at 100 VDC)
Contact resistance
3
Ω max.
Dielectric strength
100 VAC for 1 min between terminals of same polarity
Vibration resistance (see note 2)
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance (see note 2)
Destruction: 1000 m/s2 (approx. 100 G) max.
Malfunction: 300 m/s2 (approx. 30 G) max.
Life expectancy
Mechanical: 150,000 operations min. (20 operations/minute)
Electrical: 100,000 operations min. (20 operations/minute)
Ambient operating temperature
-25
°C to 85°C (at 60% RH max.) with no icing or condensation
Ambient operating humidity
85% max. (for 5
°C to 35°C)
Weight
Approx. 0.02 g
Contact Specification
Slide
Minimum applicable load
15
μA at 3 VDC
N.O
N.O
COM
COM
N.C
COM
N.C
COM
4
±0.1
1.8
±0.1
12
±0.30
6.9
(1.8)
(19)
Drawing direction
8
±0.1
2
Feed direction
Carrier tape
φ1.50
+0.10
0
Label
φ13
φ380
Standard package Qty 1,000 pcs/reel
Qty 6,000 pcs/reel
Reel
Standards
Conforms to JEITA
Package
Qty 1,000 pcs/reel
Qty 6,000 pcs/reel


Similar Part No. - D3SK-B0L

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3S4M SHINDENGEN-D3S4M Datasheet
543Kb / 10P
   Schottky Rectifiers (SBD) (40V 3A)
D3S4M SHINDENGEN-D3S4M_10 Datasheet
492Kb / 2P
   Schottky Barrier Diode
D3S6 SHINDENGEN-D3S6 Datasheet
582Kb / 11P
   Schottky Rectifiers (SBD) (60V 3A)
D3S6M SHINDENGEN-D3S6M Datasheet
582Kb / 11P
   Schottky Rectifiers (SBD) (60V 3A)
D3S6M SHINDENGEN-D3S6M_10 Datasheet
488Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - D3SK-B0L

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3SH OMRON-D3SH Datasheet
1Mb / 8P
   Surface Mount Detection Switch
D3SH OMRON-D3SH_10 Datasheet
1Mb / 8P
   Surface Mount Detection Switch
D3C OMRON-D3C Datasheet
441Kb / 6P
   Detection Switch
D2X OMRON-D2X Datasheet
355Kb / 6P
   Detection Switch
D3C OMRON-D3C_10 Datasheet
362Kb / 4P
   Detection Switch
logo
List of Unclassifed Man...
FT629 ETC1-FT629 Datasheet
99Kb / 2P
   Switch Detection Chip
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
logo
Freescale Semiconductor...
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
33993 FREESCALE-33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
logo
Omron Electronics LLC
D2A OMRON-D2A Datasheet
477Kb / 3P
   Ultra Subminiature Detection Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com