Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D6BN Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D6BN
Description  Micro Tilt Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D6BN Datasheet(HTML) 3 Page - Omron Electronics LLC

  D6BN Datasheet HTML 1Page - Omron Electronics LLC D6BN Datasheet HTML 2Page - Omron Electronics LLC D6BN Datasheet HTML 3Page - Omron Electronics LLC D6BN Datasheet HTML 4Page - Omron Electronics LLC D6BN Datasheet HTML 5Page - Omron Electronics LLC D6BN Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Micro Tilt Sensor
D6BN
3
Dimensions
Precautions
• The Sensor does not use any materials detrimental to the ozone
layer.
• Specifications other than the electrical or mechanical characteris-
tics, external dimensions, or mounting dimensions of the Sensor
are subject to change without notice.
■ Handling Precautions
Operating Environment
• The Sensor consists of a Hall IC and a magnet. Check that the
Sensor in operation will not be influenced by any external magnetic
fields.
• Do not install any magnetic materials within 2 mm of the Sensor,
else the performance characteristics of the Sensor may not be
guaranteeable. If there are any objects (e.g. motors and solenoids)
generating magnetic fields near the Sensor, operate and test the
Sensor before the Sensor comes into actual use.
• Do not apply any voltage exceeding 5V to the Sensor, else the IC
may be damaged.
• Do not wash the Sensor after the Sensor is soldered.
• Do not mount or dismount the Sensor while power if flowing to the
Sensor.
• The Sensor may generate error signals if impacted at a minimum
acceleration of 294 m/s2.
• The Sensor may generate error signals if a vibration at a minimum
frequency of 15 Hz and a minimum acceleration of 15m/s2 is
applied to the Sensor.
• Confirm that no static electricity at a maximum voltage of 5kV is
applied to the pins, else the IC may be damaged.
Operating Characteristics
The present output may stay unchanged if the inclination of the Sen-
sor back and forth is 20° or more. Under that condition, the output
might not change even when the Sensor is leaned left or right.
Gravity direction
(ex.)
Max.20
Max.20
Even if right and left are leaned in the state upset in a front and a
back, output may not change Low Mata from High from Low to HIgh.


Similar Part No. - D6BN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6B OMRON-D6B Datasheet
573Kb / 6P
   Surface Mounting Tilt Sensor Fits Space-Confined Installations
D6B-2 OMRON-D6B-2 Datasheet
147Kb / 9P
   The vast majority of Omron ECB products use the date code as shown in Method A (next slide).
logo
Rhombus Industries Inc.
D6B11-101 RHOMBUS-IND-D6B11-101 Datasheet
34Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
D6B11-101G RHOMBUS-IND-D6B11-101G Datasheet
37Kb / 1P
   10BASE-T/ETHERNET 10BASE-T/ETHERNET TRANSFORMER
More results

Similar Description - D6BN

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DS-120 AEC-DS-120 Datasheet
161Kb / 2P
   tilt sensor / tilt switch
logo
KODENSHI_AUK CORP.
SG-302 KODENSHI-SG-302 Datasheet
194Kb / 2P
   Tilt Sensor
logo
Sharp Corporation
GP2TD02 SHARP-GP2TD02 Datasheet
87Kb / 3P
   TILT SENSOR
logo
SignalQuest, Inc.
SQ-SEN-390 SIGNALQUEST-SQ-SEN-390 Datasheet
523Kb / 6P
   ON/OFF TILT SENSOR
SQ-SEN-6XX SIGNALQUEST-SQ-SEN-6XX Datasheet
677Kb / 8P
   ON/OFF TILT SENSOR
SQ-SEN-200 SIGNALQUEST-SQ-SEN-200 Datasheet
813Kb / 6P
   NANO-POWER TILT AND VIBRATION SENSOR
SQ-MIN-200 SIGNALQUEST-SQ-MIN-200 Datasheet
676Kb / 5P
   NANO-POWER TILT AND VIBRATION SENSOR
SQ-SEN-8XX SIGNALQUEST-SQ-SEN-8XX Datasheet
623Kb / 8P
   ON/OFF TILT SENSOR, HORIZONTAL NORMALLY OPEN
logo
Omron Electronics LLC
D6B OMRON-D6B Datasheet
573Kb / 6P
   Surface Mounting Tilt Sensor Fits Space-Confined Installations
logo
SignalQuest, Inc.
SQ-EVA-022 SIGNALQUEST-SQ-EVA-022 Datasheet
697Kb / 5P
   NANO-POWER TILT AND VIBRATION SENSOR EVALUATION BOARD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com