Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3M Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # D3M
Description  Subminiature Snap Action Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3M Datasheet(HTML) 5 Page - Omron Electronics LLC

  D3M Datasheet HTML 1Page - Omron Electronics LLC D3M Datasheet HTML 2Page - Omron Electronics LLC D3M Datasheet HTML 3Page - Omron Electronics LLC D3M Datasheet HTML 4Page - Omron Electronics LLC D3M Datasheet HTML 5Page - Omron Electronics LLC D3M Datasheet HTML 6Page - Omron Electronics LLC D3M Datasheet HTML 7Page - Omron Electronics LLC D3M Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Subminiature Snap Action Switch
D3M
61
Precautions
Be sure to read the precautions and information common to all Snap Action and Detection Switches, contained in the Technical User’s Guide,
“Snap Action Switches, Technical Information” for correct use.
■ Correct Use
Mounting
Make sure that the surface to which the D3M is mounted is flat. If the
surface is not flat, the housing may distort, and the D3M may
malfunction, or the housing may crack.
Operating Stroke
Make sure that the dog is separated from the actuator when the actu-
ator is in the free position and that the actuator is pressed appropri-
ately when the D3M is actuated. The actuator must not be pressed
excessively to reach the maximum overtravel position, or the D3M
may be damaged.
Make sure the actuator is pressed in the direction where the D3M is
actuated.
Using Microloads
Using a model for ordinary loads to switch microloads may result in
faulty operation. Instead, use the models that are designed for
microloads and that operate in the following range;
However, even when using microload models within the operating
range shown above, if inrush current or inductive voltage spikes
occur when the contact is opened or closed, then contact wear may
increase and so decrease the service life. Therefore, insert a contact
protection circuit where necessary.
Wiring
The terminals connect to JST’s Dipole XA Connector.
The Dipole XA Connector consists of the following components.
Contact: SAX-001T-P0.6
Housing: XAP-02V-1
OMRON does not sell the Dipole XA Connector.
Contact J.S.T. Manufacturing Co. for these connectors.
■ Cautions
Handling
To avoid an electric shock or a fire, be sure to turn OFF the D3M
before mounting, removing, wiring, or servicing.
!CAUTION
The voltage and current applied to the D3M must be within the rat-
ed ranges when it is turned ON, turned OFF, and in operation, or
the service life of the D3M may be shortened. Also note that if in-
appropriate voltage and current are applied, the D3M may radiate
heat and burn.
Operating
range
Inoper-
able
range
Current (mA)
1,000
100
10
1
0.1
100mA
100mA
0.16mA
30
12
24
5
0
1mA


Similar Description - D3M

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
DG13B1LA CHERRY-DG13B1LA Datasheet
247Kb / 3P
   Subminiature Snap Action Switch
logo
Omron Electronics LLC
D2HW OMRON-D2HW Datasheet
801Kb / 10P
   Sealed Subminiature Snap Action Switch
logo
Honeywell Solid State E...
ZM1 HONEYWELL-ZM1 Datasheet
1Mb / 12P
   MICRO SWITCH??Standard Subminiature Snap-Action Z Series
logo
Honeywell Accelerometer...
ZM50E10F01 HONEYWELL-ACC-ZM50E10F01 Datasheet
1Mb / 12P
   MICRO SWITCH??Standard Subminiature Snap-Action Z Series
ZM50E70B01 HONEYWELL-ACC-ZM50E70B01 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Subminiature Snap-Action Z Series
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com