Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description

B3F-1155 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part No. B3F-1155
Description  Tactile Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 
 
 10 page
background image
230
Tactile Switch
B3F
Hints on Correct Use
See the Tactile Switch User's Guide, "Tactile Switches - Technical Information" for information regarding processing and handling.
■ Taped Radial (Auto Insertion) Packaging
• Tactile switches packed on tape are placed into packing boxes as
shown below.
• Number of switches per box: 1,000
• Tape may be drawn from the box either from the top or from the bottom.
■ Taping Strength
The tactile switches will not release from the tape when pulled in
directions A and B at the following forces.
A: 500 g
B: 100 g
Precautions
Be sure to read the precautions common to all Tactile Switches, contained in the Technical User’s Guide, “Tactile Switches, Technical Information”
for correct use.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2015    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl