Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3F-1120 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # B3F-1120
Description  Tactile Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F-1120 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button B3F-1120 Datasheet HTML 4Page - Omron Electronics LLC B3F-1120 Datasheet HTML 5Page - Omron Electronics LLC B3F-1120 Datasheet HTML 6Page - Omron Electronics LLC B3F-1120 Datasheet HTML 7Page - Omron Electronics LLC B3F-1120 Datasheet HTML 8Page - Omron Electronics LLC B3F-1120 Datasheet HTML 9Page - Omron Electronics LLC B3F-1120 Datasheet HTML 10Page - Omron Electronics LLC B3F-1120 Datasheet HTML 11Page - Omron Electronics LLC B3F-1120 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
230
Tactile Switch
B3F
Hints on Correct Use
See the Tactile Switch User's Guide, "Tactile Switches - Technical Information" for information regarding processing and handling.
■ Taped Radial (Auto Insertion) Packaging
• Tactile switches packed on tape are placed into packing boxes as
shown below.
• Number of switches per box: 1,000
• Tape may be drawn from the box either from the top or from the bottom.
■ Taping Strength
The tactile switches will not release from the tape when pulled in
directions A and B at the following forces.
A: 500 g
B: 100 g
Precautions
Be sure to read the precautions common to all Tactile Switches, contained in the Technical User’s Guide, “Tactile Switches, Technical Information”
for correct use.


Similar Part No. - B3F-1120

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F-1120 OMRON-B3F-1120 Datasheet
328Kb / 5P
   Mechanical Key Switch
B3F-1120 OMRON-B3F-1120 Datasheet
1Mb / 12P
   Tactile Switch
B3F-1120 OMRON-B3F-1120 Datasheet
1,008Kb / 9P
   Tactile Switch
B3F-1120S OMRON-B3F-1120S Datasheet
328Kb / 5P
   Mechanical Key Switch
More results

Similar Description - B3F-1120

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
TS02 CUI-TS02 Datasheet
467Kb / 5P
   TACTILE SWITCH
logo
Omron Electronics LLC
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
   Tactile Switch
logo
CUI INC
TS13 CUI-TS13 Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
TS12 CUI-TS12 Datasheet
971Kb / 6P
   TACTILE SWITCH
04/14/2022
TS19 CUI-TS19 Datasheet
424Kb / 4P
   TACTILE SWITCH
05/10/2022
TS05 CUI-TS05 Datasheet
470Kb / 4P
   TACTILE SWITCH
09/20/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com