Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3W-1050 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # B3W-1050
Description  Tactile Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3W-1050 Datasheet(HTML) 4 Page - Omron Electronics LLC

  B3W-1050 Datasheet HTML 1Page - Omron Electronics LLC B3W-1050 Datasheet HTML 2Page - Omron Electronics LLC B3W-1050 Datasheet HTML 3Page - Omron Electronics LLC B3W-1050 Datasheet HTML 4Page - Omron Electronics LLC B3W-1050 Datasheet HTML 5Page - Omron Electronics LLC B3W-1050 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
234
Tactile Switch
B3W
12 x 12 mm Models
Precautions
Be sure to read the precautions common to all Tactile Switches, contained in the Technical User’s Guide, “Tactile Switches, Technical Information”
for correct use.
B3W-4000
B3W-4005
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement
/Internal Connections
(Top View)
Flat Plunger Type
(without Ground
Terminal)
B3W-4050
B3W-4055
B3W-4150
B3W-4155
Projected Plunger Type
(without Ground
Terminal)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement
/Internal Connections
(Top View)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement
/Internal Connections
(Top View)
Projected Plunger Type
(with Ground
Terminal)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
B3W-4100
B3W-4105
Flat Plunger Type
(with Ground
Terminal)
Terminal Arrangement
/Internal Connections
(Top View)
12±0.2
12±0.2
7.1 dia.
5±0.2
4.3±0.2
3.5
3.55
(1.8)
0.3
11
12.5±0.5
9
13.8±0.5
Four, 1.2±0.05 dia.
5±0.1
Two, 1.8±0.05 dia.
(for positioning boss)
12.5±0.1
9±0.1
4
2
3
1
12±0.2
12±0.2
7.1 dia.
5±0.2
4.3±0.2
3.5
3.55
(1.8)
0.3
0.25
0.9
2.6
1.6
11
12.5±0.5
6.9
13.8±0.5
Five, 1.2±0.05 dia.
5±0.1
6.9±0.1
12.5±0.1
Two, 1.8±0.05 dia.
(for positioning boss)
9±0.1
4
2
3
1
5
12±0.2
12±0.2
5±0.2
3.8 3.8±0.1
4.3±0.2
3.5
3.55
(1.8)
0.3
11
12.5±0.5
9
13.8±0.5
1.8±0.1
7.3±0.2
Four, 1.2±0.05 dia.
5±0.1
Two, 1.8±0.05 dia.
(for positioning boss)
12.5±0.1
9±0.1
4
2
3
1
12±0.2
12±0.2
5±0.2
4.3±0.2
1.8±0.1
7.3±0.2
3.5
3.55
(1.8)
0.3
11
12.5±0.5
13.8±0.5
0.25
6.9
0.9
2.6
3.8 3.8±0.1
Five, 1.2±0.05 dia.
5±0.1
6.9±0.1
12.5±0.1
Two, 1.8±0.05 dia.
(for positioning boss)
9±0.1
4
2
3
1
5
9
9


Similar Part No. - B3W-1050

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3W-1050 OMRON-B3W-1050 Datasheet
520Kb / 8P
   Mechanical Keyswitch
B3W-1050 OMRON-B3W-1050 Datasheet
457Kb / 6P
   Sealed Tactile Switch
B3W-1050S OMRON-B3W-1050S Datasheet
520Kb / 8P
   Mechanical Keyswitch
More results

Similar Description - B3W-1050

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
TS02 CUI-TS02 Datasheet
467Kb / 5P
   TACTILE SWITCH
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
   Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
   Tactile Switch
logo
CUI INC
TS13 CUI-TS13 Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
TS12 CUI-TS12 Datasheet
971Kb / 6P
   TACTILE SWITCH
04/14/2022
TS19 CUI-TS19 Datasheet
424Kb / 4P
   TACTILE SWITCH
05/10/2022
TS05 CUI-TS05 Datasheet
470Kb / 4P
   TACTILE SWITCH
09/20/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com