Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3W-9 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # B3W-9
Description  Illuminated Tactile Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3W-9 Datasheet(HTML) 4 Page - Omron Electronics LLC

  B3W-9 Datasheet HTML 1Page - Omron Electronics LLC B3W-9 Datasheet HTML 2Page - Omron Electronics LLC B3W-9 Datasheet HTML 3Page - Omron Electronics LLC B3W-9 Datasheet HTML 4Page - Omron Electronics LLC B3W-9 Datasheet HTML 5Page - Omron Electronics LLC B3W-9 Datasheet HTML 6Page - Omron Electronics LLC B3W-9 Datasheet HTML 7Page - Omron Electronics LLC B3W-9 Datasheet HTML 8Page - Omron Electronics LLC B3W-9 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
260
Illuminated Tactile Switches
B3W-9
LED Specifications
Note: For Switches with two LEDs, red and green, the recommended operating current is 12 mA for the red and 20 mA for the green LED for ap-
plication with three-color illumination.
LEDs
■ Ambient Temperature vs Maximum Forward Current
■ Forward Current and Forward Voltage Curves (Condition: T
a=25°C)
Note: 1. Pay attention to the polarity of each LED. The anode and cathode can be identified by finding the cathode mark, as indicated on the Dimensions page.
2. Connect limiting resistors to the LEDs. The Switch does not have built-in limiting resistors, so satisfy the LED characteristics by obtaining the limiting
resistance according to the following formula based on the voltage to be used.
LED color
Red
Green
Green (high brightness)
Yellow
Blue
Maximum Forward current I
FM
27 mA
27 mA
27 mA
45 mA
27 mA
Recommended operating current I
F
20 mA
20 mA
10 mA
20 mA
10 mA
Forward voltage (typical value) V
F
1.8 V
2.1 V
3.7 V
2.4 V
3.7 V
Maximum reverse voltage V
R
5 V
5 V
5 V
5 V
5 V
Ambient operating temperature
-25
°C to 70°C
0
40
20
20
10
30
40
50
60
80
0
Ambient temperature Ta (
°C)
Yellow
High brightness
Green and Blue
Red, Green
0.2
0.5
5.0
50.0
100.0
0
1.5
0.1
2.0
20.0
200.0
0
1
2.5
3.5
1.0
10.0
300.0
00.5
2
3
Red
Forward voltage VF (V)
0
100
90
80
70
60
50
40
30
20
10
0
0.5
1
1.5
2
2.5
3
3.5
Forward voltage VF (V)
Green
0
2.0
1.5
40
20
60
80
100
2.5
3.0
1.0
Forward voltage VF (V)
Yellow
Green (High brightness), Blue
0
30
25
20
15
10
5
35
0
1234
5
Forward voltage VF (V)
Limiting resistance (R)=
(Voltage used (E) – LED forward voltage (VF))
LED forward current (IF)
(
Ω)
E
R
VF
IF


Similar Part No. - B3W-9

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3W-1000 OMRON-B3W-1000 Datasheet
520Kb / 8P
   Mechanical Keyswitch
B3W-1000 OMRON-B3W-1000 Datasheet
800Kb / 6P
   Tactile Switch
B3W-1000 OMRON-B3W-1000 Datasheet
457Kb / 6P
   Sealed Tactile Switch
B3W-1000S OMRON-B3W-1000S Datasheet
520Kb / 8P
   Mechanical Keyswitch
B3W-1000S OMRON-B3W-1000S Datasheet
457Kb / 6P
   Sealed Tactile Switch
More results

Similar Description - B3W-9

ManufacturerPart #DatasheetDescription
logo
GREATECS
JL15SKSCCP2 GREATECS-JL15SKSCCP2 Datasheet
1Mb / 6P
   Ultra-Thin Illuminated Tactile Switches
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
   Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
   Tactile Switches
logo
List of Unclassifed Man...
101-TS7311T1601-EV ETC2-101-TS7311T1601-EV Datasheet
147Kb / 1P
   Tactile Switches
logo
Copal Electronics
TME COPAL-TME Datasheet
177Kb / 2P
   Tactile Switches
logo
List of Unclassifed Man...
101-TS7311T1604BC-EV ETC2-101-TS7311T1604BC-EV Datasheet
149Kb / 1P
   Tactile Switches
MS-100637 ETC2-MS-100637 Datasheet
158Kb / 1P
   Tactile Switches (SMT)
logo
CamdenBoss Ltd.
CST06S0AT CAMDENBOSS-CST06S0AT Datasheet
443Kb / 1P
   6x6mm tactile switches
logo
C&K Components
KT11B1SM CK-COMPONENTS-KT11B1SM Datasheet
430Kb / 3P
   Sealed Tactile Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com