Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3DA Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3DA
Description  Ultra-low Profile Dome Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3DA Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3DA Datasheet HTML 1Page - Omron Electronics LLC B3DA Datasheet HTML 2Page - Omron Electronics LLC B3DA Datasheet HTML 3Page - Omron Electronics LLC B3DA Datasheet HTML 4Page - Omron Electronics LLC B3DA Datasheet HTML 5Page - Omron Electronics LLC B3DA Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
274
Ultra-low Profile Dome Array
B3DA
Dimensions
Unit: mm
Construction
Circular Contact
When Dome Arrays are attached to the PCB, any PCB dust or
foreign particles will tend to collect in the center of the key when it is
pressed. Therefore, poor contact occurs easily in Dome Arrays that
provide contact at the center point only.
The circular contact construction provides contact along the circumference
of a circle, thus preventing poor contact by avoiding the center point.
Matrix Adhesive
The surface structure of this adhesive has grid-shaped slits, as
shown in the following cross-sectional diagram. These slits provide
both ventilation and dust-proofing, which is required for contact dome
operation.
Separator
(paper)
Sheet thickness (0.05)
Cover film
Contact dome (5 dia.)
Thickness: 0.06
B enlarged
A-A cross section
Two, 2.1 dia.
Four, R5
Contact dome
diameter
5 dia. (18 keys)
Operating
force (OF)
1.57
± 0.49 N
Plating
Unplated
B3DA-0000-A
Separator (paper)
Sheet thickness (0.05)
Cover film
Contact dome (4 dia.)
Thickness: 0.06
B enlarged
A-A cross section
Two, 2.1 dia.
Four, R5
Contact dome
diameter
4 dia. (18 keys)
Operating
force (OF)
1.57
± 0.49 N
Plating
Unplated
B3DA-0010-A
Cylindrical protrusion
Contact along
circle circumference
(circular contact)
Contact at center point
Conventional models
Contact dome resistant to
foreign matter (circular contact)
Separator
Cover film
Matrix adhesive
Stainless steel contact dome
(circular contact)
15
µm
Slits
Matrix (acrylic)
adhesive: 25
µm
Cover film


Similar Part No. - B3DA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3D OMRON-B3D Datasheet
276Kb / 6P
   Ultra-low Profile Dome Key
B3D OMRON-B3D Datasheet
229Kb / 6P
   Ultra-low Profile Dome Key
B3D-4112 OMRON-B3D-4112 Datasheet
276Kb / 6P
   Ultra-low Profile Dome Key
B3D-4112 OMRON-B3D-4112 Datasheet
229Kb / 6P
   Ultra-low Profile Dome Key
B3D-5112 OMRON-B3D-5112 Datasheet
276Kb / 6P
   Ultra-low Profile Dome Key
More results

Similar Description - B3DA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3D OMRON-B3D_10 Datasheet
229Kb / 6P
   Ultra-low Profile Dome Key
B3D OMRON-B3D Datasheet
276Kb / 6P
   Ultra-low Profile Dome Key
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FESD05LVCA-1PF FUTUREWAFER-FESD05LVCA-1PF Datasheet
1Mb / 6P
   Ultra Low Capacitance ESD array
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
   Ultra Low Capacitance TVS Array
FWZ5VT FUTUREWAFER-FWZ5VT Datasheet
836Kb / 3P
   Ultra Low Capacitance ESD array
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com