Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6TR-6101 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A6TR-6101
Description  DIP Switch (Piano Type)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6TR-6101 Datasheet(HTML) 2 Page - Omron Electronics LLC

  A6TR-6101 Datasheet HTML 1Page - Omron Electronics LLC A6TR-6101 Datasheet HTML 2Page - Omron Electronics LLC A6TR-6101 Datasheet HTML 3Page - Omron Electronics LLC A6TR-6101 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
318
DIP Switch (Piano Type)
A6TR
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Mounting holes
(top view)
Internal connections
(top view)
6
5
3.5
0.8
0.6
A±0.2
1.22
2.54
× (P-1)
P: Pole numbers
2.54
20°
0.9
7.62
7.62
Long-lever
Short-lever
■ Through hole terminal
Short lever / Long lever
A6TR-
@101
A6TR-
@104
No. of poles
Model
Dimension A
Short lever
Long lever
2
A6TR-2101
A6TR-2104
4.98
4
A6TR-4101
A6TR-4104
10.06
6
A6TR-6101
A6TR-6104
15.14
8
A6TR-8101
A6TR-8104
20.22
10
A6TR-0101
A6TR-0104
25.30
2.54 × (P-1) ±0.1
7.62±0.1
1.0±0.05 dia.
P : Pole numbers
1
ON
29 10


Similar Part No. - A6TR-6101

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6T OMRON-A6T Datasheet
520Kb / 4P
   DIP Switch (Slide Type)
A6T-0101 OMRON-A6T-0101 Datasheet
520Kb / 4P
   DIP Switch (Slide Type)
A6T-0101 OMRON-A6T-0101 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
A6T-0102 OMRON-A6T-0102 Datasheet
520Kb / 4P
   DIP Switch (Slide Type)
A6T-0102 OMRON-A6T-0102 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
More results

Similar Description - A6TR-6101

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RP-02 DBLECTRO-RP-02 Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
logo
Adam Technologies, Inc.
SW-DP-XX-SPST-V-T-P-L ADAM-TECH-SW-DP-XX-SPST-V-T-P-L Datasheet
80Kb / 1P
   PIANO TYPE DIP SWITCH
logo
Omron Electronics LLC
A6SR OMRON-A6SR Datasheet
403Kb / 4P
   DIP Switch (Piano Type)
logo
DB Lectro Inc
RPL-02 DBLECTRO-RPL-02 Datasheet
280Kb / 3P
   Piano Type Dip Switch
logo
GREATECS
DX516 GREATECS-DX516 Datasheet
259Kb / 1P
   End Stackable Piano Type DIP Switch
logo
OEN India Limited
OEN27 OENINDIA-OEN27 Datasheet
372Kb / 1P
   SLIDE & PIANO TYPE DIP SWITCHES
27S-024S OENINDIA-27S-024S Datasheet
372Kb / 1P
   SLIDE&PIANO TYPE DIP SWITCHES
logo
Omron Electronics LLC
A6HR OMRON-A6HR Datasheet
230Kb / 2P
   Piano DIP Switch (SMT Half-pitch)
logo
E-SWITCH
KAR E-SWITCH-KAR Datasheet
542Kb / 3P
   PIANO DIP SWITCHES
KAP E-SWITCH-KAP Datasheet
139Kb / 2P
   PIANO DIP SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com