Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APAX-5570XPE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # APAX-5570XPE
Description  PC-based Controller with Celeron짰 M CPU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

APAX-5570XPE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  APAX-5570XPE Datasheet HTML 1Page - Advantech Co., Ltd. APAX-5570XPE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PC-based Controllers & I/O Modules
Features
APAX-5570XPE
APAX-5571XPE
ƒ Intel® Celeron® M 1 GHz or 1.5 GHz CPU processor
ƒ Expands I/O by connecting with APAX-5000 I/O modules
ƒ DVI-I supports dual display
ƒ Dual power input for redundancy with power-fail relay
ƒ 1 x RS-232 and 1 x isolated RS-422/485 port
ƒ Windows® XP Embedded ready platform
ƒ Combine with APAX-5520KW to deliver dual CPU architecture
ƒ Provides complete C/C++ and .NET libraries for I/O control and communication
Introduction
APAX-5570XPE/5571XPE is a controller with high performance Intel Celeron M grade CPU. Built-in Windows XP Embedded operating system makes APAX-5570XPE/5571XPE a
ready application platform to shorten development time. Connecting with other APAX-5000 I/O modules, APAX-5570XPE/5571XPE can become a complete control system. Through
C/C++ and .NET class libraries for the I/O modules, developers can build applications under the Win32 development environment in a short amount of time.
Specifications
General
ƒ
Cooling System
APAX-5570XPE: Fanless, heatsink only
APAX-5571XPE: Heatsink with fan
ƒ
Mounting
DIN-rail, wall
ƒ
Dimensions (W x H x D) 270 x 142 x 126 mm
ƒ
Weight
APAX-5570XPE: 2.42 kg
APAX-5571XPE: 2.46 kg
ƒ
Power Consumption
APAX-5570XPE: 30 W @ 24 VDC
(Typical, without inserted module)
APAX-5571XPE: 45 W @ 24 VDC
ƒ
Power Input
18 ~ 30 VDC
ƒ
Dual Power Input
Yes
ƒ
Power Reversal
Yes
ƒ
Real-time Clock
Yes
System Hardware
ƒ
CPU
APAX-5570XPE: Intel Celeron M 1 GHz (non-cache)
APAX-5571XPE: Intel Celeron M 1.5 GHz (1 MB L2
cache)
ƒ
System Chipset
Intel 915 GME
ƒ
BIOS
Flash 4 MB
ƒ
Memory
512 MB DDR2 DRAM on board (Dual channel mode)
ƒ
Battery Backup RAM
512 KB
ƒ
LED Indicators
Power, Run, Error, Battery
ƒ
Display
DVI-I supports DVI and VGA for dual display
ƒ
Audio
Mic-in, Line-out
ƒ
Storage
1 x SD card slot
ƒ
Reset Button
Yes
Software
ƒ
Operating System
Windows XP Embedded
ƒ
Watchdog Timer
Yes
ƒ
Control Software
C/C++ and .NET library with utility
Communication
ƒ
Serial Ports
1 x RS-232, 1 x Isolated RS-422/485
ƒ
Serial Port Isolation
2500 VDC (RS-422/485 only)
Protection
ƒ
Baud Rate
RS-232: 50 bps ~ 115.2 kbps
RS-422/485: 50 ~ 230400 bps
ƒ
LAN
2 x RJ-45 Port, 10/100/1000 Mbps
(supports teaming function)
ƒ
USB Ports
4 x USB 2.0
Environment
ƒ
Operating Temperature -10 ~ 55° C (when mounted vertically)
ƒ
Storage Temperature
-40 ~ 70° C
ƒ
Relative Humidity
5 ~ 95% (non-condensing)
Ordering Information
ƒ
APAX-5570XPE
PC-based Controller w/ Celeron M 1 GHz, XPe
ƒ
APAX-5571XPE
PC-based Controller w/ Celeron M 1.5 GHz, XPe
ƒ
APAX-5343
Power Supply for APAX-5570 Series
PC-based Controller with Celeron® M CPU
NEW
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - APAX-5570XPE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
APAX-5570XPE ADVANTECH-APAX-5570XPE Datasheet
670Kb / 2P
   PC-based Controller with Celeron M CPU
More results

Similar Description - APAX-5570XPE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
APAX-5570XPE ADVANTECH-APAX-5570XPE Datasheet
670Kb / 2P
   PC-based Controller with Celeron M CPU
APAX-5520CE ADVANTECH-APAX-5520CE Datasheet
188Kb / 1P
   PC-based Controller with XScale CPU
ADAM-5550CE ADVANTECH-ADAM-5550CE Datasheet
616Kb / 2P
   8-slot PC-based Controller with GX2 CPU
ADAM-5560CE ADVANTECH-ADAM-5560CE_15 Datasheet
184Kb / 1P
   7-slot PC-based Controller with Intel짰 Atom??CPU
logo
List of Unclassifed Man...
LEC-2260 ETC2-LEC-2260 Datasheet
232Kb / 2P
   Fanless Industrial PC with Intel짰 Celeron짰 807UE CPU
logo
ADL Embedded Solutions
ADL855PC ADL-ADL855PC_17 Datasheet
456Kb / 2P
   ADL855PC - Pentium짰 M / Celeron짰 M CPU 1.0GHz - 1.8GHz
logo
AAEON Technology
AOP-8120XT AAEON-AOP-8120XT Datasheet
559Kb / 2P
   Onboard Intel짰 Celeron짰 M Low Power CPU
logo
Advantech Co., Ltd.
SOM-4486 ADVANTECH-SOM-4486 Datasheet
302Kb / 2P
   Intel짰 Celeron짰 M, 852GM ETX CPU Module
MIC-2353 ADVANTECH-MIC-2353 Datasheet
171Kb / 1P
   Half-size Celeron짰 M 600 CPU Module
PCM-3386 ADVANTECH-PCM-3386 Datasheet
1Mb / 3P
   Intel짰 Celeron짰 M PCI-104 CPU Module
09-Nov-2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com